Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS30 Datasheet(PDF) 1 Page - Motorola, Inc

Part # AM26LS30
Description  DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS30 Datasheet(HTML) 1 Page - Motorola, Inc

  AM26LS30 Datasheet HTML 1Page - Motorola, Inc AM26LS30 Datasheet HTML 2Page - Motorola, Inc AM26LS30 Datasheet HTML 3Page - Motorola, Inc AM26LS30 Datasheet HTML 4Page - Motorola, Inc AM26LS30 Datasheet HTML 5Page - Motorola, Inc AM26LS30 Datasheet HTML 6Page - Motorola, Inc AM26LS30 Datasheet HTML 7Page - Motorola, Inc AM26LS30 Datasheet HTML 8Page - Motorola, Inc AM26LS30 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Device
Operating
Temperature Range
Package
AM26LS30
SEMICONDUCTOR
TECHNICAL DATA
DUAL DIFFERENTIAL/
QUAD SINGLE–ENDED
LINE DRIVERS
ORDERING INFORMATION
AM26LS30PC
MC26LS30D
TA = – 40° to +85°C
Plastic DIP
SO–16
PIN CONNECTIONS
Order this document by AM26LS30/D
PC SUFFIX
PLASTIC PACKAGE
CASE 648
D SUFFIX
PLASTIC PACKAGE
CASE 751B
(SO–16)
FN SUFFIX
PLASTIC PACKAGE
CASE 775
AM26LS30FN
PLCC–20
In B/En AB
Mode
NC
Gnd
In C/En CD
Out B
SR–B
NC
SR–C
Out C
4
5
6
7
8
18
17
16
15
14
3
2
1
20 19
9
10 11 12 13
16
1
4
2
5
6
7
8
9
3
10
11
12
13
14
15
Input C/
Enable CD
(Top View)
SR–A
Output A
Output B
Input D
VEE
SR–D
Output D
Output C
SR–C
SR–B
Gnd
VCC
Input A
Mode
Input B/
Enable AB
1
MOTOROLA ANALOG IC DEVICE DATA
Advance Information
Dual Differential (EIA-422-A)/
Quad Single-Ended
(EIA-423-A) Line Drivers
The AM26LS30 is a low power Schottky set of line drivers which can be
configured as two differential drivers which comply with EIA–422–A
standards, or as four single–ended drivers which comply with EIA–423–A
standards. A mode select pin and appropriate choice of power supplies
determine the mode. Each driver can source and sink currents in excess of
50 mA.
In the differential mode (EIA–422–A), the drivers can be used up to
10 Mbaud. A disable pin for each driver permits setting the outputs into a
high impedance mode within a
±10 V common mode range.
In the single–ended mode (EIA–423–A), each driver has a slew rate
control pin which permits setting the slew rate of the output signal so as to
comply with EIA–423–A and FCC requirements and to reduce crosstalk.
When operated from symmetrical supplies (
±5.0 V), the outputs exhibit zero
imbalance.
The AM26LS30 is available in a 16–pin plastic DIP and surface mount
package. Operating temperature range is –40
° to +85°C.
Operates as Two Differential EIA–422–A Drivers, or Four Single–Ended
EIA–423–A Drivers
High Impedance Outputs in Differential Mode
Short Circuit Current Limit In Both Source and Sink Modes
± 10 V Common Mode Range on High Impedance Outputs
± 15 V Range on Inputs
Low Current PNP Inputs Compatible with TTL, CMOS, and MOS
Outputs
Individual Output Slew Rate Control in Single–Ended Mode
Replacement for the AMD AM25LS30 and National Semiconductor
DS3691
Representative Block Diagrams
Single–Ended Mode
EIA–423–A
Differential Mode
EIA–422–A
Enable CD
Enable AB
Out D
Out C
Out B
Out A
VCC – 1
VEE – 8
Input D
Input A
Input A
SR–A
Out A
Gnd – 5
Mode – 4
SR–B
SR–C
Out D
SR–D
Out C
Out B
Input B
Input C
Input D
© Motorola, Inc. 1995
This document contains information on a new product. Specifications and information herein are
subject to change without notice.


Similar Part No. - AM26LS30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AM26LS31 MOTOROLA-AM26LS31 Datasheet
77Kb / 4P
Quad Line Driver with NAND Enabled Three-State Outputs
logo
Texas Instruments
AM26LS31 TI-AM26LS31 Datasheet
559Kb / 18P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31 Datasheet
1Mb / 28P
Quadruple Differential Line Driver
AM26LS31 TI-AM26LS31 Datasheet
1Mb / 34P
AM26LS31x Quadruple Differential Line Driver
REVISED OCTOBER 2018
AM26LS31-W TI-AM26LS31-W Datasheet
1Mb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVER
More results

Similar Description - AM26LS30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
Quad High Speed Differential Line Drivers
logo
Texas Instruments
DS8830 TI-DS8830 Datasheet
153Kb / 17P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI-SN55113 Datasheet
213Kb / 12P
DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI-SN55114 Datasheet
490Kb / 15P
DUAL DIFFERENTIAL LINE DRIVERS
logo
National Semiconductor ...
DS75114 NSC-DS75114 Datasheet
135Kb / 6P
Dual Differential Line Drivers
logo
Texas Instruments
SNJ55113 TI-SNJ55113 Datasheet
228Kb / 13P
DUAL DIFFERENTIAL LINE DRIVERS
SNJ75113 TI-SNJ75113 Datasheet
2Mb / 13P
Dual differential line drivers
DS8830 TI1-DS8830_15 Datasheet
782Kb / 19P
DUAL DIFFERENTIAL LINE DRIVERS
SN55113 TI1-SN55113_14 Datasheet
859Kb / 23P
DUAL DIFFERENTIAL LINE DRIVERS
SN55114 TI1-SN55114_15 Datasheet
476Kb / 18P
DUAL DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com