Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS30 Datasheet(PDF) 7 Page - Motorola, Inc

Part # AM26LS30
Description  DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS30 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button AM26LS30 Datasheet HTML 3Page - Motorola, Inc AM26LS30 Datasheet HTML 4Page - Motorola, Inc AM26LS30 Datasheet HTML 5Page - Motorola, Inc AM26LS30 Datasheet HTML 6Page - Motorola, Inc AM26LS30 Datasheet HTML 7Page - Motorola, Inc AM26LS30 Datasheet HTML 8Page - Motorola, Inc AM26LS30 Datasheet HTML 9Page - Motorola, Inc AM26LS30 Datasheet HTML 10Page - Motorola, Inc AM26LS30 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AM26LS30
7
MOTOROLA ANALOG IC DEVICE DATA
Figure 12. Internal Positive Bias Current
versus Load Current
Figure 13. Internal Negative Bias Current
versus Load Current
Figure 14. Short Circuit Current
versus Output Voltage
Figure 15. Short Circuit Current
versus Temperature
Figure 16. Rise/Fall Time versus Capacitance
TOTAL LOAD CURRENT (mA)
IOL
Vin = Lo Vin = Hi
Single Ended Mode
Mode = 1
VCC = 5.0 V, VEE = –5.0 V
Supply Current = Bias Current + IOH
–80
IOH
–240
0
–160
240
160
80
26
22
18
14
10
TOTAL LOAD CURRENT (mA)
0
20
85
Single–Ended Mode
Mode = 1
VCC = 5.0 V, VEE = –5.0 V
Supply Current = Bias Current + IOL
0
TA, AMBIENT TEMPERATURE (°C)
10
CC, CAPACITANCE (pF)
Single or Differential Mode
VCC = 5.0 V, VEE = –5.0 V or Gnd
Single–Ended Mode
Mode = 1
VCC = 5.0 V, VEE = –5.0 V
1.0
Vin = Lo Vin = Hi
50
–40
IOL
–80
–240
0
–160
240
160
80
–5.0
–20
–15
–10
IOH
Normally High Output
Single–Ended Mode
Mode = 1
VCC = 5.0 V, VEE = –5.0 V
Normally Low Output
–100
–20
20
–60
60
100
0
Vza, APPLIED OUTPUT VOLTAGE (V)
–2.0
–4.0
–6.0
2.0
4.0
6.0
Normally Low Output
10 k
10
100
100
1.0 k
40
–110
110
–100
90
70
60
–20
1.0 k
–90
Normally High Output to Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com