Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS30 Datasheet(PDF) 2 Page - Motorola, Inc

Part # AM26LS30
Description  DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS30 Datasheet(HTML) 2 Page - Motorola, Inc

  AM26LS30 Datasheet HTML 1Page - Motorola, Inc AM26LS30 Datasheet HTML 2Page - Motorola, Inc AM26LS30 Datasheet HTML 3Page - Motorola, Inc AM26LS30 Datasheet HTML 4Page - Motorola, Inc AM26LS30 Datasheet HTML 5Page - Motorola, Inc AM26LS30 Datasheet HTML 6Page - Motorola, Inc AM26LS30 Datasheet HTML 7Page - Motorola, Inc AM26LS30 Datasheet HTML 8Page - Motorola, Inc AM26LS30 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AM26LS30
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM OPERATING CONDITIONS (Pin numbers refer to DIP and SO–16
packages only.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
VEE
–0.5, +7.0
–7.0, +0.5
Vdc
Input Voltage (All Inputs)
Vin
–0.5, +20
Vdc
Applied Output Voltage when in High Impedance Mode
(VCC = 5.0 V, Pin 4 = Logic 0, Pins 3, 6 = Logic 1)
Vza
±15
Vdc
Output Voltage with VCC, VEE = 0 V
Vzb
±15
Output Current
IO
Self limiting
Junction Temperature
TJ
–65, +150
°C
Devices should not be operated at these limits. The “Recommended Operating Conditions” table provides
conditions for actual device operation.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (Differential Mode)
VCC
VEE
+4.75
–0.5
5.0
0
+5.25
+0.3
Vdc
Power Supply Voltage (Single–Ended Mode)
VCC
VEE
+4.75
–5.25
+5.0
–5.0
+5.25
–4.75
Input Voltage (All Inputs)
Vin
0
+15
Vdc
Applied Output Voltage (when in High Impedance Mode)
Vza
–10
+10
Applied Output Voltage, VCC = 0
Vzb
–10
+10
Output Current
IO
–65
+65
mA
Operating Ambient Temperature (See text)
TA
–40
+85
°C
All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (EIA–422–A differential mode, Pin 4
p 0.8 V, –40°C tTA t 85°C, 4.75 V p VCC p 5.25 V,
VEE = Gnd, unless otherwise noted. Pin numbers refer to DIP and SO–16 packages only.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (see Figure 1)
Differential, RL = ∞, VCC = 5.25 V
Differential, RL = 100 Ω, VCC = 4.75 V
Change in Differential Voltage, RL = 100 Ω (Note 4)
Offset Voltage, RL = 100 Ω
Change in Offset Voltage*, RL = 100 Ω
VOD1
VOD2
∆VOD2
VOS
∆VOS
2.0
4.2
2.6
10
2.5
10
6.0
400
3.0
400
Vdc
Vdc
mVdc
Vdc
mVdc
Output Current (each output)
Power Off Leakage, VCC = 0, –10 V p VO p +10 V
High Impedance Mode, VCC = 5.25 V, –10 V p VO p +10 V
Short Circuit Current (Note 2)
High Output Shorted to Pin 5 (TA = 25°C)
High Output Shorted to Pin 5 (–40
°C t TA t+85°C)
Low Output Shorted to +6.0 V (TA = 25°C)
Low Output Shorted to +6.0 V (–40
°C t TA t +85°C)
IOLK
IOZ
ISC–
ISC–
ISC+
ISC+
–100
–100
–150
–150
60
50
0
0
–95
75
+100
+100
–60
–50
150
150
µA
mA
Inputs
Low Level Voltage
High Level Voltage
Current @ Vin = 2.4 V
Current @ Vin = 15 V
Current @ Vin = 0.4 V
Current, 0
p Vin p 15 V, VCC = 0
Clamp Voltage (Iin = –12 mA)
VIL
VIH
IIH
IIHH
IIL
IIX
VIK
2.0
–200
–1.5
0
0
–8.0
0
0.8
40
100
Vdc
Vdc
µA
Vdc
Power Supply Current (VCC = +5.25 V, Outputs Open)
(0
p Enable p VCC)
ICC
16
30
mA
NOTES: 1. All voltages measured with respect to Pin 5.
2. Only one output shorted at a time, for not more than 1 second.
3. Typical values established at +25
°C, VCC = +5.0 V, VEE = –5.0 V.
4. Vin switched from 0.8 to 2.0 V.
5. Imbalance is the difference between
 VO2 with Vin t 0.8 V and VO2 with Vin u 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com