Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS30 Datasheet(PDF) 5 Page - Motorola, Inc

Part # AM26LS30
Description  DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS30 Datasheet(HTML) 5 Page - Motorola, Inc

  AM26LS30 Datasheet HTML 1Page - Motorola, Inc AM26LS30 Datasheet HTML 2Page - Motorola, Inc AM26LS30 Datasheet HTML 3Page - Motorola, Inc AM26LS30 Datasheet HTML 4Page - Motorola, Inc AM26LS30 Datasheet HTML 5Page - Motorola, Inc AM26LS30 Datasheet HTML 6Page - Motorola, Inc AM26LS30 Datasheet HTML 7Page - Motorola, Inc AM26LS30 Datasheet HTML 8Page - Motorola, Inc AM26LS30 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AM26LS30
5
MOTOROLA ANALOG IC DEVICE DATA
Figure 4. Differential Mode Enable Timing
NOTES: 1. S.G. set to: f
p 1.0 MHz; duty cycle = 50%; tr, tf, p 10 ns.
2. Above tests conducted by monitoring output current levels.
Figure 5. Single–Ended Mode Rise/Fall Time and Data Propagation Delay
NOTES: 1. S.G. set to: f
p 100 kHz; duty cycle = 50%; tr, tf, p10 ns.
2. tSK4 =  tPDH–tPDL for each driver.
3. tSK5 computed by subtracting the shortest tPDH from the longest tPDH of the 4 drivers within a package.
4. tSK6 computed by subtracting the shortest tPDL from the longest tPDL of the 4 drivers within a package.
VEE
tPZH
tPZL
tPLZ
tPHZ
1.5 V
Output
Current
(Vin = Lo)
0.1 VSS/RL
0.1 VSS/RL
VSS/RL
VSS/RL
0.5 VSS/RL
0.5 VSS/RL
RL
0 or 3.0 V
En
VSS
500 pF
450
Ω
S.G.
VCC
450
CC
+3.0 V
1.5 V
0 V
Vin
VCC
Vin
+2.5 V
S.G.
500 pF
VO
(Vin = Hi)
Vin
1.5 V
Vout
10%
50%
90%
tr
1.5 V
90%
0 V
10%
Vin
50%
tf
tPDL
tPDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com