Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26LS30 Datasheet(PDF) 3 Page - Motorola, Inc

Part # AM26LS30
Description  DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AM26LS30 Datasheet(HTML) 3 Page - Motorola, Inc

  AM26LS30 Datasheet HTML 1Page - Motorola, Inc AM26LS30 Datasheet HTML 2Page - Motorola, Inc AM26LS30 Datasheet HTML 3Page - Motorola, Inc AM26LS30 Datasheet HTML 4Page - Motorola, Inc AM26LS30 Datasheet HTML 5Page - Motorola, Inc AM26LS30 Datasheet HTML 6Page - Motorola, Inc AM26LS30 Datasheet HTML 7Page - Motorola, Inc AM26LS30 Datasheet HTML 8Page - Motorola, Inc AM26LS30 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AM26LS30
3
MOTOROLA ANALOG IC DEVICE DATA
TIMING CHARACTERISTICS (EIA–422–A differential mode, Pin 4
p 0.8 V, TA = 25°C, VCC = 5.0 V, VEE = Gnd, (Notes 1 and 3)
unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Differential Output Rise Time (Figure 3)
tr
–
70
200
ns
Differential Output Fall Time (Figure 3)
tf
–
70
200
ns
Propagation Delay Time – Input to Differential Output
Input Low to High (Figure 3)
Input High to Low (Figure 3)
tPDH
tPDL
–
–
90
90
200
200
ns
Skew Timing (Figure 3)
tPDH to tPDL for Each Driver
Max to Min tPDH Within a Package
Max to Min tPDL Within a Package
tSK1
tSK2
tSK3
–
–
–
9.0
2.0
2.0
–
–
–
ns
Enable Timing (Figure 4)
Enable to Active High Differential Output
Enable to Active Low Differential Output
Enable to 3–State Output From Active High
Enable to 3–State Output From Active Low
tPZH
tPZL
tPHZ
tPLZ
–
–
–
–
150
190
80
110
300
350
350
300
ns
ELECTRICAL CHARACTERISTICS (EIA–423–A single–ended mode, Pin 4
q 2.0 V, –40°C t TA t 85°C, 4.75 V p VCC,
|VEE  p 5.25 V, (Notes 1 and 3) unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (VCC =  VEE  = 4.75 V)
Single–Ended Voltage, RL = ∞ (Figure 2)
Single–Ended Voltage, RL = 450 Ω, (Figure 2)
Voltage Imbalance (Note 5), RL = 450 Ω
VO1
VO2
∆VO2
4.0
3.6
–
4.2
3.95
0.05
6.0
6.0
0.4
Vdc
Slew Control Current (Pins 16, 13, 12, 9)
ISLEW
–
±120
–
µA
Output Current (Each Output)
Power Off Leakage, VCC = VEE = 0, –6.0 V p VO p +6.0 V
Short Circuit Current (Output Short to Ground, Note 2)
Vin p 0.8 V (TA = 25°C)
Vin p 0.8 V (–40°C t TA t +85°C)
Vin w 2.0 V (TA = 25°C)
Vin w 2.0 V (–40°C t TA t +85°C)
IOLK
ISC+
ISC+
ISC–
ISC–
–100
60
50
–150
–150
0
80
–
–95
–
+100
150
150
–60
–50
µA
mA
Inputs
Low Level Voltage
High Level Voltage
Current @ Vin = 2.4 V
Current @ Vin = 15 V
Current @ Vin = 0.4 V
Current, 0
p Vin p 15 V, VCC = 0
Clamp Voltage (Iin = –12 mA)
VIL
VIH
IIH
IIHH
IIL
IIX
VIK
–
2.0
–
–
–200
–
–1.5
–
–
0
0
– 8.0
0
–
0.8
–
40
100
–
–
–
Vdc
Vdc
µA
Vdc
Power Supply Current (Outputs Open)
VCC = +5.25 V, VEE = –5.25 V, Vin = 0.4 V
ICC
IEE
–
–22
17
– 8.0
30
–
mA
TIMING CHARACTERISTICS (EIA–423–A single–ended mode, Pin 4
q 2.0 V, TA = 25°C, VCC = 5.0 V, VEE = –5.0 V, (Notes 1 and 3)
unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Timing (Figure 5)
Output Rise Time, CC = 0
Output Fall Time, CC = 0
Output Rise Time, CC = 50 pF
Output Fall Time, CC = 50 pF
tr
tf
tr
tf
–
–
–
–
65
65
3.0
3.0
300
300
–
–
ns
µs
Rise Time Coefficient (Figure 16)
Crt
–
0.06
–
µs/pF
Propagation Delay Time, Input to Single Ended Output (Figure 5)
Input Low to High, CC = 0
Input High to Low, CC = 0
tPDH
tPDL
–
–
100
100
300
300
ns
Skew Timing, CC = 0 (Figure 5)
tPDH to tPDL for Each Driver
Max to Min tPDH Within a Package
Max to Min tPDL Within a Package
tSK4
tSK5
tSK6
–
–
–
15
2.0
5.0
–
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com