Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 6Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 7Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 8Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 9Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 10Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 11Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 12Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 13Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
10
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
3.3
Common Pins
The operation of the following FT4232H pins are the same regardless of the configured mode:-
Pin No.
Name
Type
Description
12,37,64
VCORE
POWER
Input
+1.8V input. Core supply voltage input
20,31,42,56
VCCIO
POWER
Input
+3.3V input. I/O interface power supply input. Failure to
connect all VCCIO pins will result in failure of the device.
9
VPLL
POWER
Input
+3.3V input. Internal PHY PLL power supply input. It is
recommended that this supply is filtered using an LC filter.
4
VPHY
POWER
Input
+3.3V Input. Internal USB PHY power supply input. Note that this
cannot be connected directly to the USB supply. A +3.3V
regulator must be used. It is recommended that this supply is
filtered using an LC filter.
50
VREGIN
POWER
Input
+3.3V Input. Integrated 1.8V voltage regulator input.
49
VREGOUT
POWER
Output
+1.8V Output. Integrated voltage regulator output. Connect to
VCORE with 3.3uF filter capacitor.
10
AGND
POWER
Input
0V Analog ground.
1,5,11,15,
25,35,47,51
GND
POWER
Input
0V Ground input.
Table 3.2 Power and Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com