Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 15Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 16Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 17Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 18Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 19Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 20Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 21Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 22Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
19
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
4.3.3
RS485 Configuration
Figure 4.3 illustrates how the FT4232H can be configured as a dual RS485 interface. The FT4232H can
have all 4 channels connected as RS485, but only channel A and channel C are shown for clarity.
Figure 4.3 Dual RS485 Configuration
In this case both channel A and channel C are configured as RS485 operating at TTL levels. This example
uses two Sipex SP491 devices but there are similar parts available from Maxim and Analog Devices
amongst others. The SP491 is a RS485 device in a compact 8 pin SOP package. It has separate enables
on both the transmitter and receiver. With RS485, the transmitter is only enabled when a character is being
transmitted from the UART. The TXDEN pins on the FT4232H are provided for exactly that purpose, and so
the transmitter enables are wired to the TXDEN’s. The receiver enable is active low, so it is wired to the
PWREN# pin to disable the receiver when in USB suspend mode.
RS485 is a multi-drop network – i.e. many devices can communicate with each other over a single two wire
cable connection. The RS485 cable requires to be terminated at each end of the cable. Links are provided to
allow the cable to be terminated if the device is physically positioned at either end of the cable.
In this example the data transmitted by the FT4232H is also received by the device that is transmitting. This
is a common feature of RS485 and requires the application software to remove the transmitted data from the
received data stream. With the FT4232H it is possible to do this entirely in hardware – simply modify the
schematic so that RXD of the FT4232H is the logical OR of the SP481 receiver output with TXDEN using an
HC32 or similar logic gate.
D B 9 - M
R S 4 8 5 C h a n n e l A
D M _ A
G N D
1 2 0 R
D P A
V C C
4
3
6
2
1
7
8
5
D
R
S P 4 8 1
L I N K
F T 4 2 3 2 H
T X D
R X D
R T S #
C T S #
D T R #
D S R #
D C D #
T X D E N
1 6
1 7
1 8
1 9
2 1
2 2
2 3
2 4
P W R E N #
6 0
3 8
3 9
4 0
4 1
4 3
4 4
4 5
4 6
D B 9 - M
R S 4 8 5 C h a n n e l C
D M _ B
G N D
1 2 0 R
D P _ B
V C C
4
3
6
2
1
7
8
5
D
R
S P 4 8 1
L I N K
T X D
R X D
R T S #
C T S #
D T R #
D S R #
D C D #
T X D E N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com