Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 33Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 34Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 41Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
37
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
8.2
FT4232HL, LQFP-64 Package Dimensions
Figure 8.2 64 pin LQFP Package Details
FTDI
YYWW-A
XXXXXXXXXXXX
FT4232HL
1
64
Indicates Pin
#1 (Laser
Marked)
Top View
16
17
32
33
48
49
10.000+/- 0.1
Line 1– FTDI Logo
Line 2– Date Code and Revision
Line 3– Wafer Lot Number
Line 4– FTDI Part Number
Dimensions are body
dimensions (mm)
64
17
1
16
32
33
48
49
D1
D
0.25
12
o
+/- 1
o
0.2 Min
0.6
+/- 0.15
1.0
0.05 Min
0.15 Max
b
c
b1
c1
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com