Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 43 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 43 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 43Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
43
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
Appendix B - Revision History
Revision History
Version draft
Initial Datasheet Created
October 2008
Version Preliminary
Preliminary Datasheet Released
23
rd October 2008
Version 1.00
Datasheet Released
4
th November 2008
Version 1.10
QFN package update
November 2008
Version 2.00
Various Updates
January 2009
Version 2.01
Changed description of bit-bang mode
February 2009
Version 2.02
Corrected QFN tray numbers from 160 to 260 per tray
March 2009
Version 2.03
Corrected signal names in Fig 2.1
19
th May 2009
Added reference to AN_109, AN_110, AN_111 and AN_113.
Corrected default of RI#/ TXDEN in table 3.1
Version 2.04
Added paragraph on latency timer to section 4.1
3
rd June 2009
Version 2.05
Corrected Figures 6.2, 6.3 and 6.4 – missing regulators and better way
17
th June 2009
of holding self powered designs in reset if not connected to USB.
Corrected Max DC inputs on “DC Input Voltage –
“All Other Inputs” pins from VCORE+0.5V to VCCIO+0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com