Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 40 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 40 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 35Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 36Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 40Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 41Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 42Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 43Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
40
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
Profile Feature
Pb Free Solder Process
(green material)
SnPb Eutectic and Pb free (non
green material) Solder Process
Average Ramp Up Rate (Ts to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (Ts Min.)
- Temperature Max (Ts Max.)
- Time (ts Min to ts Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical Temperature
TL:
- Temperature (TL)
- Time (tL)
217°C
60 to 150 seconds
183°C
60 to 150 seconds
Peak Temperature (Tp)
260°C
see Table 8.3
Time within 5°C of actual Peak Temperature
(tp)
30 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak Temperature, Tp
8 minutes Max.
6 minutes Max.
Table 8.2 Reflow Profile Parameter Values
SnPb Eutectic and Pb free (non green material)
Package Thickness
Volume mm3 < 350
Volume mm3 >=350
< 2.5 mm
235 +5/-0 deg C
220 +5/-0 deg C
≥ 2.5 mm
220 +5/-0 deg C
220 +5/-0 deg C
Pb Free (green material) = 260 +5/-0 deg C
Table 8.3 Package Reflow Peak Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com