Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT4232H Datasheet(PDF) 28 Page - Future Technology Devices International Ltd.

Part # FT4232H
Description  QUAD HIGH SPEED USB TO MULTIPURPOSE UART
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT4232H Datasheet(HTML) 28 Page - Future Technology Devices International Ltd.

Back Button FT4232H Datasheet HTML 24Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 25Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 26Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 27Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 28Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 29Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 30Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 31Page - Future Technology Devices International Ltd. FT4232H Datasheet HTML 32Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Copyright © 2009 Future Technology Devices International Limited
28
Document No.: FT_000060
FT4232H QUAD HIGH SPEED USB TO MULTIPURPOSE UART/MPSSE IC
Datasheet Version 2.05
Clearance No.: FTDI#78
6
FT4232H Configurations
The following sections illustrate possible USB power configurations for the FT4232H.
All USB power configurations illustrated apply to both package options for the FT4232H device
6.1
USB Bus Powered Configuration
Bus Powered Application example 1: Bus powered configuration
Figure 6.1 Bus Powered Configuration Example 1
Figure 6.1 illustrates the FT4232H in a typical USB bus powered design configuration. A USB bus powered
device gets its power from the USB bus. In this application, the FT4232H requires that the VBUS (USB
+5V) is regulated down to +3.3V (using an LDO) to supply the VCCIO, VPLL, VPHY and VREGIN.
VREGIN is the +3.3V input to the on chip +1.8V regulator. The output of the on chip LDO regulator
(+1.8V) drives the FT4232H core supply (VCORE). This requires a minimum of a 3.3uF filter capacitor.
OSCI
2
OSCO
3
REF
6
DM
7
DP
8
TEST
13
RESET#
14
ADBUS0
16
17
18
19
21
22
23
24
26
27
28
29
30
32
33
34
SUSPEND#
36
38
39
40
41
43
44
45
46
48
VREGOUT
49
VREGIN
50
52
53
54
55
57
58
59
PWREN#
60
EECLK
62
EEDATA
61
EECS
63
Vin
Vout
GND
LDO +3.3V
GND
VBUS
1
D-
2
D+
3
GND
4
100nF
100nF
100nF 100nF
GND
GND
GND
GND
GND
4.7uF
4.7uF
GND
GND
+1.8V
+3.3V
+1.8V
+3.3V
100nF
100nF 100nF 100nF 100nF
100nF 100nF
+1.8V +1.8V +1.8V +3.3V +3.3V +3.3V +3.3V
GND
GND
GND
GND
GND
GND
GND
+3.3V
+3.3V
12K
1K
GND
+3.3V
27pF
27pF
CS
1
SCL
2
D
3
Q
4
GND
5
ORG
6
DU
7
VCC
8
93C46
GND
GND
GND
+3.3V
+3.3V
2.2K
10K
10K
10K
1
3
12MHz
EECLK
EEDATA
GND
ADBUS1
ADBUS2
ADBUS3
ADBUS4
ADBUS5
ADBUS6
ADBUS7
BDBUS0
BDBUS1
BDBUS2
BDBUS3
BDBUS4
BDBUS5
BDBUS6
BDBUS7
CDBUS0
CDBUS1
CDBUS2
CDBUS3
CDBUS4
CDBUS5
CDBUS6
CDBUS7
DDBUS0
DDBUS1
DDBUS2
DDBUS3
DDBUS4
DDBUS5
DDBUS6
DDBUS7
0?
GND
3.3uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com