Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7115 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7115
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7115 Datasheet HTML 1Page - Diodes Incorporated AP7115 Datasheet HTML 2Page - Diodes Incorporated AP7115 Datasheet HTML 3Page - Diodes Incorporated AP7115 Datasheet HTML 4Page - Diodes Incorporated AP7115 Datasheet HTML 5Page - Diodes Incorporated AP7115 Datasheet HTML 6Page - Diodes Incorporated AP7115 Datasheet HTML 7Page - Diodes Incorporated AP7115 Datasheet HTML 8Page - Diodes Incorporated AP7115 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
5 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
Typical Operating Characteristics
Quiescent current vs. Vcc
( VIN=2.5~5.5V, IOUT=0mA )
20
30
40
50
60
70
80
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
Vcc
`
Quiescent current vs. Temperature
( VIN=5V, IOUT=0mA )
20
30
40
50
60
70
80
-40℃
-20℃
0℃
25℃
50℃
85℃
Tem perature
Current limit vs. Temperature
( VIN=2.5V, VOUT=1.0V )
150
170
190
210
230
250
270
-40℃
-20℃
0℃
25℃
50℃
85℃
Tem perature
Current limit vs. Temperature
( VIN=5V, VOUT=1.0V )
150
170
190
210
230
250
270
290
310
330
-40℃
-20℃
0℃
25℃
50℃
85℃
Tem perature
Iout vs. Dropout voltage
( TA=25℃ )
0
50
100
150
200
250
0mA
20mA
40mA
60mA
80mA 100mA 120mA 150mA
Iout
Current limit vs. Input voltage
( TA=25℃ )
120
170
220
270
320
370
2.5V
3.0V
3.5V
4.0V
4.5V
5.0V
5.5V
Input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com