Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7115 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7115
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7115 Datasheet HTML 1Page - Diodes Incorporated AP7115 Datasheet HTML 2Page - Diodes Incorporated AP7115 Datasheet HTML 3Page - Diodes Incorporated AP7115 Datasheet HTML 4Page - Diodes Incorporated AP7115 Datasheet HTML 5Page - Diodes Incorporated AP7115 Datasheet HTML 6Page - Diodes Incorporated AP7115 Datasheet HTML 7Page - Diodes Incorporated AP7115 Datasheet HTML 8Page - Diodes Incorporated AP7115 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
2 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
Ordering Information
AP7115 - XX XX G - 7
W : SOT25
Output voltage
Package
7 : Tape & Reel
Packing
Green
G : Green
10 : 1.0V
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
29 : 2.85V
33 : 3.3V
30 : 3.0V
35 : 3.5V
SE : SOT353
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AP7115-XXWG-7
W
SOT25
3000/Tape & Reel
-7
AP7115-XXSEG-7
SE
SOT353
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Pin Assignments
SOT25 / SOT353
IN
EN
BP
OUT
( Top View )
5
4
3
2
1
GND
Pin Descriptions
Pin Name
Pin NO.
Description
IN
1
Voltage Input
GND
2
Ground
EN
3
Chip Enable Control
BP
4
Band-Gap Bypass
OUT
5
Voltage Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com