Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7115 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7115
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7115 Datasheet HTML 1Page - Diodes Incorporated AP7115 Datasheet HTML 2Page - Diodes Incorporated AP7115 Datasheet HTML 3Page - Diodes Incorporated AP7115 Datasheet HTML 4Page - Diodes Incorporated AP7115 Datasheet HTML 5Page - Diodes Incorporated AP7115 Datasheet HTML 6Page - Diodes Incorporated AP7115 Datasheet HTML 7Page - Diodes Incorporated AP7115 Datasheet HTML 8Page - Diodes Incorporated AP7115 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
3 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
Block Diagram
Current
Limit
Thermal
Shutdown
- +
IN
OUT
GND
0.8V
Error
Amp
Bandgap
Enable
BP
EN
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
3.5
KV
ESD MM
Machine Model ESD Protection
400
V
VIN
Input Voltage
-0.3~5.5
V
VCE
CE Pin Voltage
-0.3~5.5
V
VOUT
Output Voltage
-0.3~Vin+0.3
V
VBP
Band Gap Bypass Pin Voltage
-0.3~5.5
V
PD
Power Dissipation
500
mW
TJ
Operating Junction Temperature Range
-40 to +125
oC
TST
Storage Temperature Range
-65 to +150
oC
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.5
5.5
V
IOUT
Output Current
-
150
mA
TA
Operating Ambient Temperature
-40
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com