Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7115 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7115
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7115 Datasheet HTML 3Page - Diodes Incorporated AP7115 Datasheet HTML 4Page - Diodes Incorporated AP7115 Datasheet HTML 5Page - Diodes Incorporated AP7115 Datasheet HTML 6Page - Diodes Incorporated AP7115 Datasheet HTML 7Page - Diodes Incorporated AP7115 Datasheet HTML 8Page - Diodes Incorporated AP7115 Datasheet HTML 9Page - Diodes Incorporated AP7115 Datasheet HTML 10Page - Diodes Incorporated AP7115 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
10 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) Package Type: SOT25
(2) Package Type: SOT353
CL
CL
0.10/0.30
0.65Bsc.
1.8/2.2
"A"
DETAIL"A"
GaugePlane
0.25/0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com