Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7115 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7115
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7115 Datasheet HTML 1Page - Diodes Incorporated AP7115 Datasheet HTML 2Page - Diodes Incorporated AP7115 Datasheet HTML 3Page - Diodes Incorporated AP7115 Datasheet HTML 4Page - Diodes Incorporated AP7115 Datasheet HTML 5Page - Diodes Incorporated AP7115 Datasheet HTML 6Page - Diodes Incorporated AP7115 Datasheet HTML 7Page - Diodes Incorporated AP7115 Datasheet HTML 8Page - Diodes Incorporated AP7115 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
1 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
•
Wide input voltage range from 2.5V to 5.5V
•
200mV low dropout voltage at 150mA output current
•
Guaranteed 150mA output current.
•
Low quiescent current 50µA
•
Output voltage from 1.0V to 3.5V
•
±2% output voltage accuracy
•
Low temperature drift at output voltage
•
High PSRR
•
Fast transient response
•
Current limit protection
•
Short circuit protection
•
Thermal shutdown protection
•
SOT25 and SOT353: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP7115 is a 150mA, fixed output voltage, low dropout linear
regulator. The device includes pass element, error amplifier,
band gap reference, current-limit and thermal shutdown circuit.
The characteristics of low dropout voltage and low quiescent
current make it suitable for use in battery powered devices. The
typical quiescent current is approximately 50µA. Several fixed
output voltages are available from 1.0V to 3.5V. Additional
protection
is
provided
with
built-in
current-limit
and
thermal-shutdown functions.
Applications
•
Wireless Communication
•
GSM/GPRS Cellular Phones
•
Handheld Mobile Devices
•
Battery Powered Devices
•
CD-ROM, DVD, and LAN Cards
•
PC and Notebook Peripherals
Typical Application Circuit
IN
OUT
GND
AP7115
BP
EN
EN
VIN
C
IN
C
BP
C
OUT
VOUT
ON
OFF
1µF
0.1µF
1µF
Features
General Description


Similar Part No. - AP7115

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7165 DIODES-AP7165 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165 DIODES-AP7165 Datasheet
602Kb / 14P
600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
AP7165-FN DIODES-AP7165-FN Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
306Kb / 11P
600mA LOW DROPOUT REGULATOR WITH POK
AP7165 Rev. 1
AP7165-FNG-7 DIODES-AP7165-FNG-7 Datasheet
602Kb / 14P
600mA LOW DROPOUT REGULATOR WITH POK
DS31270 Rev. 6 - 2
More results

Similar Description - AP7115

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
300mA, Low Dropout Linear Regulator with Shutdown
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A_10 Datasheet
377Kb / 7P
600mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
500mA, Low Dropout Linear Regulator with Shutdown
logo
Fitipower Integrated Te...
FP6134 FITIPOWER-FP6134 Datasheet
444Kb / 8P
600mA Low Dropout Linear Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com