Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7115 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP7115
Description  150mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7115 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP7115 Datasheet HTML 3Page - Diodes Incorporated AP7115 Datasheet HTML 4Page - Diodes Incorporated AP7115 Datasheet HTML 5Page - Diodes Incorporated AP7115 Datasheet HTML 6Page - Diodes Incorporated AP7115 Datasheet HTML 7Page - Diodes Incorporated AP7115 Datasheet HTML 8Page - Diodes Incorporated AP7115 Datasheet HTML 9Page - Diodes Incorporated AP7115 Datasheet HTML 10Page - Diodes Incorporated AP7115 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP7115
150mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP7115 Rev. 10
8 of 11
MAY 2009
www.diodes.com
© Diodes Incorporated
Application Note
Input Capacitor
An 1uF input capacitor is required between the AP7115 input pin
and GND.
There are no requirements for the ESR on input capacitor, but
tolerance and temperature coefficient must be considered.
Output Capacitor
The AP7115 can work with very small ceramic output capacitors
(1uF or greater). Higher capacitance values help to improve
transient. The output capacitor’s ESR is critical because it from a
zero to provide phase lead which is required for loop stability.
Figure below is Cout ESR vs. Load Current.
Band-Gap Bypass Capacitor
0.1uF bypass capacitor Between BP pin and GND can reduces
output voltage noise.
Shutdown Input Operation
The AP7115 is shutdown by pulling the EN pin low, and turned on
by driving the input high. If the shutdown feature is not required,
the EN pin should be tied to VIN to keep the regulator on at all
times.
Dropout Voltage
VDROPOUT=VIN-VOUT=RDS(ON)×IOUT
Current Limit
The AP7115 monitors and controls the PMOS’ gate voltage,
limiting the output current to 250mA(typ.). The output can be
shorted to ground for an indefinite period of time without
damaging the part.
PCB Layout
Optimum performance can only be achieved when the device is
mounted on a PC board according to the diagram below:
Thermal Considerations
Thermal Shutdown Protection limits power dissipation in AP7115.
When the operation junction temperature exceeds 155°C, the
Over Temperature Protection circuit starts the thermal shutdown
function and turns the pass element off. The pass element turn
on again after the junction temperature cools by 30°C. For
continuous
operation,
do
not
exceed
absolute
maximum
operation junction temperature 125°C. The power dissipation
definition in device is:
PD = (VIN − VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of surroundings
airflow and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by the
following formula:
PD(MAX) = ( TJ(MAX) - TA ) / θJA
Where TJ(MAX) is the maximum operation junction temperature
125°C, TA is the ambient temperature and the θJA is the junction
to ambient thermal resistance.
AP7115 Region of Stable Cout ESR vs.
Load Current
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
160
Load Current (mA)
Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com