Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 37Page - Texas Instruments TMS320VC33 Datasheet HTML 38Page - Texas Instruments TMS320VC33 Datasheet HTML 39Page - Texas Instruments TMS320VC33 Datasheet HTML 40Page - Texas Instruments TMS320VC33 Datasheet HTML 41Page - Texas Instruments TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments TMS320VC33 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
reset timing (continued)
EXTCLK
H1
H3
RESET
(see Notes A and C)
IACK
D[31:0]
PAGEx, A[23:0]
STRB
Asynchronous
Reset Signals
(see Note B)
R/W
Ten H1 Clock Cycles
tsu(RESET-EXTCLKL)
td(EXTCLKH-H1H)
td(EXTCLKH-H1L)
td(EXTCLKH-H3L)
tsu(RESETH-H1L)
tdis(H1H-DZ)
td(EXTCLKH-H3H)
td(H3H-CONTROLH)
tdis(H3H-AZ)
td(H1H-RWH)
td(H1H-IACKH)
tdis(RESETL-ASYNCH)
NOTES: A. Clock circuit is configured in ’C31-compatible divide-by-2 mode. If configured for x1 mode, EXTCLK directly drives H3.
B. Asynchronous reset signals include XF0 / 1, CLKX0, DX0, FSX0, CLKR0, DR0, FSR0, and TCLK0/1.
C. RESET is a synchronous input that can be asserted at any point during a clock cycle. If the specified timings are met, the exact
sequence shown occurs; otherwise, an additional delay of one clock cycle is possible.
D. In microprocessor mode, the reset vector is fetched twice, with seven software wait states each time. In microcomputer mode, the
reset vector is fetched twice, with no software wait states.
E. The address and PAGE3-PAGE0 outputs are placed in a high-impedance state during reset requiring a nominal 10−22 k
Ω pullup.
If not, undesirable spurious reads can occur when these outputs are not driven.
Figure 28. RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com