Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments TMS320VC33 Datasheet HTML 24Page - Texas Instruments TMS320VC33 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
21
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
designing your target system’s emulator connector (14-pin header) (continued)
Although you can use other headers, recommended parts include:
straight header, unshrouded
DuPont Connector Systems
part numbers:
65610−114
65611−114
67996−114
67997−114
JTAG emulator cable pod logic
Figure 12 shows a portion of the emulator cable pod. The functional features of the pod are as follows:
D Signals TDO and TCK_RET can be parallel-terminated inside the pod if required by the application. By
default, these signals are not terminated.
D Signal TCK is driven with a 74LVT240 device. Because of the high-current drive (32 mA IOL/IOH), this signal
can be parallel-terminated. If TCK is tied to TCK_RET, the parallel terminator in the pod can be used.
D Signals TMS and TDI can be generated from the falling edge of TCK_RET, according to the IEEE 1149.1
bus slave device timing rules.
D Signals TMS and TDI are series-terminated to reduce signal reflections.
D A 10.368-MHz test clock source is provided. You may also provide your own test clock for greater flexibility.
100
W
TL7705A
RESIN
270
W
JP2
180
W
TCK_RET (Pin 9){
EMU1 (Pin 14)
EMU0 (Pin 13)
74AS1034
GND (Pins 4,6,8,10,12)
TRST (Pin 2)
TCK (Pin 11){
10.368 MHz
33
W
33
W
TDI (Pin 3)
TMS (Pin 1)
TDO (Pin 7)
74LVT240
180
W
JP1
270
W
74F175
Q
Q
D
PD(VCC) (Pin 5)
+5 V
+5 V
74AS1004
Y
Y
Y
Y
A
† The emulator pod uses TCK_RET as its clock source for internal synchronization. TCK is provided as an optional target system
test clock source.
Figure 12. JTAG Emulator Cable Pod Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com