Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 45Page - Texas Instruments TMS320VC33 Datasheet HTML 46Page - Texas Instruments TMS320VC33 Datasheet HTML 47Page - Texas Instruments TMS320VC33 Datasheet HTML 48Page - Texas Instruments TMS320VC33 Datasheet HTML 49Page - Texas Instruments TMS320VC33 Datasheet HTML 50Page - Texas Instruments TMS320VC33 Datasheet HTML 51Page - Texas Instruments TMS320VC33 Datasheet HTML 52Page - Texas Instruments TMS320VC33 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
general-purpose I/O timing
Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The contents of the internal
control registers associated with each peripheral define the modes for these pins.
peripheral pin I/O timing
The following tables show the timing parameters for changing the peripheral pin from a general-purpose output
pin to a general-purpose input pin and vice versa.
timing requirements for peripheral pin general-purpose I/O (see Note 1, Figure 35, and Figure 36)
VC33-120
VC33-150
UNIT
MIN
MAX
MIN
MAX
UNIT
tsu(GPIO-H1L)
Setup time, general-purpose input before H1 low
4
3
ns
th(H1L-GPIO)
Hold time, general-purpose input after H1 low
0
0
ns
NOTE 1: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The modes of these pins are defined by the contents
of internal-control registers associated with each peripheral.
switching
characteristics
over
recommended
operating
conditions
for
peripheral
pin
general-purpose I/O (see Note 1, Figure 35, and Figure 36)
PARAMETER
VC33-120
VC33-150
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
td(H1H-GPIO)
Delay time, H1 high to general-purpose output
5
4
ns
tdis(H1H)
Disable time, general-purpose output from H1 high
7
5
ns
NOTE 1: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The modes of these pins are defined by the contents
of internal-control registers associated with each peripheral.
Value on Pin
Seen in
Peripheral-
Control Register
Synchronizer Delay
Buffers Go
From Output to
Input
Execution of
Store of
Peripheral-Cont
rol Register
Data Bit
I/O
Control Bit
H1
H3
Output
Data
Seen
Data Sampled
Peripheral Pin
(see Note A)
tsu(GPIO-H1L)
th(H1L-GPIO)
tdis(H1H)
NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1.
Figure 35. Change of Peripheral Pin From General-Purpose Output to Input Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com