Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments TMS320VC33 Datasheet HTML 20Page - Texas Instruments TMS320VC33 Datasheet HTML 21Page - Texas Instruments TMS320VC33 Datasheet HTML 22Page - Texas Instruments TMS320VC33 Datasheet HTML 23Page - Texas Instruments TMS320VC33 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
20
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
JTAG emulation
Though the TMS320VC33 contains a JTAG debug port which allows multiple JTAG enabled chips to be
daisy-chained, boundary scan of the pins is not supported. If the pin scan path is selected, it will be routed
through a null register with a length of one. For additional information concerning the emulation interface, see
JTAG/MPSD Emulation Technical Reference (literature number SPDU079).
designing your target system’s emulator connector (14-pin header)
JTAG target devices support emulation through a dedicated emulation port. This port is a superset of the
IEEE 1149.1 standard and is accessed by the emulator. To communicate with the emulator, your target system
must have a 14-pin header (two rows of seven pins) with the connections that are shown in Figure 11. Table 6
describes the emulation signals.
TDO
7
8
GND
TMS
1
2
TRST
TDI
3
4
GND
TCK_RET
9
10
GND
TCK
11
12
GND
Header Dimensions:
Pin-to-pin spacing, 0.100 in. (X,Y)
Pin width, 0.025-in. square post
Pin length, 0.235-in. nominal
PD (VCC)5
6
no pin (key)†
EMU0
13
14
EMU1
† While the corresponding female position on the cable connector is plugged to prevent improper
connection, the cable lead for pin 6 is present in the cable and is grounded, as shown in the
schematics and wiring diagrams in this document.
Figure 11. 14-Pin Header Signals and Header Dimensions
Table 6. 14-Pin Header Signal Descriptions
SIGNAL
DESCRIPTION
EMULATOR†
STATE
TARGET†
STATE
TMS‡
Test mode select
O
I
TDI
Test data input
O
I
TDO
Test data output
I
O
TCK
Test clock. TCK is a 10.368-MHz clock source from the emulation cable pod.
This signal can be used to drive the system test clock
O
I
TRST‡
Test reset
O
I
EMU0§¶
Emulation pin 0
I
I/O
EMU1§¶
Emulation pin 1
I
I/O
PD(VCC)
Presence detect. Indicates that the emulation cable is connected and that the
target is powered up. PD should be tied to VCC in the target system.
I
O
TCK_RET
Test clock return. Test clock input to the emulator. May be a buffered or unbuf-
fered version of TCK.
I
O
GND
Ground
† I = input; O = output
‡ Use 1−50K pulldown for TRST. Do not use pullup resistors on TRST: it has an internal pulldown device. In a low-noise environment, TRST can
be left floating. In a high-noise environment, an additional pulldown resistor may be needed. (The size of this resistor should be based on electrical
current considerations.)
§ Use 1−50K pullups for TMS, EMU0 and EMU1.
¶ EMU0 and EMU1 are I/O drivers configured as open-drain (open-collector) drivers. They are used as bidirectional signals for emulation global
start and stop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com