Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 10Page - Texas Instruments TMS320VC33 Datasheet HTML 11Page - Texas Instruments TMS320VC33 Datasheet HTML 12Page - Texas Instruments TMS320VC33 Datasheet HTML 13Page - Texas Instruments TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PLL isolation
The internal PLL supplies can be directly connected to CVDD and VSS (0 Ω case), partially isolated as shown
in Figure 5, or fully isolated as shown in Figure 6. The RC network prevents the PLL supplies from turning high
frequency noise in the CVDD and VSS supplies into jitter.
CVDD
0 −100
Ω
0.1
µF
0.01
µF
0 −100
Ω
VSS
PLLVDD
PLLVSS
Figure 6. PLL Isolation Circuit Diagram
clock and PLL considerations on initialization
On power up, the CPU clock divide mode can be in MAXSPEED, LOPOWER or IDLE2, or the PLL could be
in an undefined mode. RESET falling in the presence of a valid CPU clock is used to clear this state, after which
the device will synchronously terminate any external activity.
The 5x Fclkin PLL of the TMS320VC33 contains an 8-bit PLL−LOCK counter which causes the PLL to output
a frequency of Fclkin/2 during the initial ramp. This counter, however, does not increment while RESET is low
or in the absence of an input clock. A minimum of 256 input clocks are required before the first falling edge of
reset for the PLL to output to clear this counter. The setup and behavior that is seen is as follows.
Power is applied to the DSP with RESET low and the input clock high or low. A clock is applied (RESET is still
low) and the PLL appears to lock on to the input clock, producing the expected x5 output frequency. RESET
is driven high and the PLL output immediately drops to Fclkin/2 for 0-256 input cycles or 128 of the Fclkin/2
output cycles. The PLL/CPU clock then switches to x5 mode.
The switch over is synchronous and does not create a clock glitch, so the only effect is that the CPU runs slow
for up to the first 128 cycles after reset goes high. Once the PLL has stabilized, the counter will remain cleared
and subsequent resets will not exhibit this condition.
Systems that are not using the crystal oscillator may be required to supply a current of 250mA per DSP if full
power is applied with no clock source. This extra current condition is a result of uninitialized internal logic within
the DSP core and is corrected when the CPU sees a minimum of four internal clocks. The crystal oscillator is
typically immune to this condition since the oscilator and core circuitry become semi-functional at CVDD = 1 V
where the fault current is considerably lower. An alternate clock pulse can also be applied to either the EXTCLK
or XIN clock input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com