Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC33 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC33
Description  DIGITAL SIGNAL PROCESSOR
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC33 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 11Page - Texas Instruments TMS320VC33 Datasheet HTML 12Page - Texas Instruments TMS320VC33 Datasheet HTML 13Page - Texas Instruments TMS320VC33 Datasheet HTML 14Page - Texas Instruments TMS320VC33 Datasheet HTML 15Page - Texas Instruments TMS320VC33 Datasheet HTML 16Page - Texas Instruments TMS320VC33 Datasheet HTML 17Page - Texas Instruments TMS320VC33 Datasheet HTML 18Page - Texas Instruments TMS320VC33 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E − FEBRUARY 1999 − REVISED JANUARY 2004
15
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
power sequencing considerations
Though an internal ESD and CMOS latchup protection diode exists between CVDD and DVDD, it should not be
considered a current-carrying device on power up. An external Schottky diode should be used to prevent CVDD
from exceeding DVDD by more than 0.7 V. The effect of this diode during power up is that if CVDD is powered
up first, DVDD follows by one diode drop even when the DVDD supply is not active.
Typical systems using LDOs of the same family type for both DVDD and CVDD will track each other during power
up. In most cases, this is acceptable; but if a high-impedance pin state is required on power up, the SHZ pin
can be used to asynchronously disable all outputs. RESET should not be used in this case since some signals
require an active clock for RESET to have an effect and the clock may not yet be active. The internal core logic
becomes functional at approximately 0.8 V while the external pin IO becomes active at about 1.5 V.
EDGEMODE
When EDGEMODE = 1, a sampled digital delay line is decoded to generate a pulse on the falling edge of the
interrupt pin. To ensure interrupt recognition, input signal logic-high and logic-low states must be held longer
than the synchronizer delay of one CPU clock cycle. Holding these inputs to no less than two cycles in both the
logic-low and logic-high states is sufficient.
When EDGEMODE = 0, a logic-low interrupt pin continually sets the corresponding interrupt flag. The CPU or
DMA can clear this flag within two cycles of it being set. This is the maximum interrupt width that can be applied
if only one interrupt is to be recognized. The CPU can manually clear IF bits within an interrupt service routine
(ISR), effectively lengthening the maximum ISR width.
After reset, EDGEMODE is temporarily disabled, allowing logic-low INT pins to be detected for bootload
operation.
DQ
Q
D
DQ
Q
D
Q
D
H1
H3
INT
1
S
R
Q
IF Bit
CPU_RESET
CPU_SET
Delay
RESET
EDGEMODE
0
Figure 7. EDGEMODE and Interrupt Flag CIrcuit
reset operation
When RESET is applied, the CPU attempts to safely exit any pending read or write operations that may be in
progress. This can take as much as 10 CPU cycles, after which, the address, data, and control pins will be in
an inactive or high-impedance state.
When both RESET and SHZ are applied, the device immediately enters the reset state with the pins held in
high-impedance mode. SHZ should then be disabled at least 10 CPU cycles before RESET is set high. SHZ
can be used during power-up sequencing to prevent undefined address, data, and control pins, avoiding system
conflicts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com