Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 39Page - Texas Instruments TMS320VC549 Datasheet HTML 40Page - Texas Instruments TMS320VC549 Datasheet HTML 41Page - Texas Instruments TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory-mapped registers (continued)
Table 11. Peripheral Memory-Mapped Registers (’548 and ’549 Only)†
NAME
ADDRESS
DESCRIPTION
NAME
DEC
HEX
DESCRIPTION
BDRR0
32
20
BSP 0 data-receive register
BDXR0
33
21
BSP 0 data-transmit register
BSPC0
34
22
BSP 0 control register
BSPCE0
35
23
BSP 0 control extension register
TIM
36
24
Timer count register
PRD
37
25
Timer period register
TCR
38
26
Timer control register
—
39
27
Reserved
SWWSR
40
28
External interface software wait-state register
BSCR
41
29
External interface bank-switching control register
—
42
2A
Reserved
—
43
2B
Reserved
HPIC
44
2C
HPI control register
—
45 – 47
2D – 2F
Reserved
TRCV
48
30
TDM port data-receive register
TDXR
49
31
TDM port data-transmit register
TSPC
50
32
TDM serial port control register
TCSR
51
33
TDM channel-select register
TRTA
52
34
TDM receive / transmit register
TRAD
53
35
TDM receive / address register
—
54 – 55
36 – 37
Reserved
AXR0
56
38
ABU 0 transmit-address register
BKX0
57
39
ABU 0 transmit-buffer-size register
ARR0
58
3A
ABU 0 receive-address register
BKR0
59
3B
ABU 0 receive-buffer-size register
AXR1
60
3C
ABU 1 transmit-address register
BKX1
61
3D
ABU 1 transmit-buffer-size register
ARR1
62
3E
ABU 1 receive-address register
BKR1
63
3F
ABU 1 receive-buffer-size register
BDRR1
64
40
BSP 1 data-receive register
BDXR1
65
41
BSP 1 data-transmit register
BSPC1
66
42
BSP 1 control register
BSPCE1
67
43
BSP 1 control extension register
—
68 – 87
44 – 57
Reserved
CLKMD
88
58
Clock mode register
—
89 – 95
59 – 5F
Reserved
† BSP = Buffered serial port
ABU = Auto-buffering unit
HPI = Host-port interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com