Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 71 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 67Page - Texas Instruments TMS320VC549 Datasheet HTML 68Page - Texas Instruments TMS320VC549 Datasheet HTML 69Page - Texas Instruments TMS320VC549 Datasheet HTML 70Page - Texas Instruments TMS320VC549 Datasheet HTML 71Page - Texas Instruments TMS320VC549 Datasheet HTML 72Page - Texas Instruments TMS320VC549 Datasheet HTML 73Page - Texas Instruments TMS320VC549 Datasheet HTML 74Page - Texas Instruments TMS320VC549 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
71
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory and parallel I/O interface timing (continued)
switching characteristics over recommended operating conditions for a memory write
(MSTRB = 0) [H = 0.5 tc(CO)]†‡ (see Figure 17)
PARAMETER
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
td(CLKH-A)
Delay time, address valid from CLKOUT high§
0
5
– 2
3
ns
td(CLKL-A)
Delay time, address valid from CLKOUT low¶
0
5
0
5
ns
td(CLKL-MSL)
Delay time, MSTRB low from CLKOUT low
0
5
0
5
ns
td(CLKL-D)W
Delay time, data valid from CLKOUT low
0
10
0
6
ns
td(CLKL-MSH)
Delay time, MSTRB high from CLKOUT low
– 2
3
– 2
3
ns
td(CLKH-RWL)
Delay time, R/W low from CLKOUT high
0
5
– 2
3
ns
td(CLKH-RWH)
Delay time, R/W high from CLKOUT high
– 2
3
– 2
3
ns
td(RWL-MSTRBL)
Delay time, MSTRB low after R/W low
H – 2
H + 3
H – 2
H + 3
ns
th(A)W
Hold time, address valid after CLKOUT high§
0
5
0
5
ns
th(D)MSH
Hold time, write data valid after MSTRB high
H–5
H+5¶
H–5
H+5¶
ns
tw(SL)MS
Pulse duration, MSTRB low
2H – 5
2H–5
ns
tsu(A)W
Setup time, address valid before MSTRB low
2H – 5
2H–5
ns
tsu(D)MSH
Setup time, write data valid before MSTRB high
2H – 10
2H + 10¶
2H–10
2H+8§
ns
† Address, PS, and DS timings are all included in timings referenced as address.
‡ See Table 15, Table 16, and Table 17 for address bus timing variation with load capacitance.
§ In the case of a memory write preceded by a memory write.
¶ In the case of a memory write preceded by an I/O cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com