Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 28Page - Texas Instruments TMS320VC549 Datasheet HTML 29Page - Texas Instruments TMS320VC549 Datasheet HTML 30Page - Texas Instruments TMS320VC549 Datasheet HTML 31Page - Texas Instruments TMS320VC549 Datasheet HTML 32Page - Texas Instruments TMS320VC549 Datasheet HTML 33Page - Texas Instruments TMS320VC549 Datasheet HTML 34Page - Texas Instruments TMS320VC549 Datasheet HTML 35Page - Texas Instruments TMS320VC549 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
hardware-programmable PLL (continued)
Table 4. Clock Mode Configurations
MODE-SELECT PINS
CLOCK MODE
CLKMD1
CLKMD2
CLKMD3
OPTION 1†
OPTION 2†
0
0
0
PLL
× 3 with external source
PLL
× 5 with external source
1
1
0
PLL
× 2 with external source
PLL
× 4 with external source
1
0
0
PLL
× 3, internal oscillator enabled
PLL
× 5, internal oscillator enabled
0
1
0
PLL
× 1.5 with external source
PLL
× 4.5 with external source
0
0
1
Divide-by-two with external source
Divide-by-two with external source
0
1
1
Stop mode‡
Stop mode‡
1
0
1
PLL
× 1 with external source
PLL
× 1 with external source
1
1
1
Divide-by-two, internal oscillator enabled
Divide-by-two, internal oscillator enabled
† Option: Option 1 or option 2 is selected when ordering the device.
‡ Stop mode: The function of the stop mode is equivalent to that of the power-down mode of IDLE3; however, the IDLE3 instruction is recommended
rather than stop mode to realize full power saving, since IDLE3 stops clocks synchronously and can be exited with an interrupt.
software-programmable PLL (’545A, ’546A, ’548, and ’549)
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved.
Devices that have a built-in software-programmable PLL can be configured in one of two clock modes:
D PLL mode. The input clock (X2/CLKIN) is multiplied by 1 of 31 possible ratios. These ratios are achieved
using the PLL circuitry.
D DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can be
completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the clock configuration of the PLL clock module. The
CLKMD register fields are shown in Figure 7 and described below. Note that upon reset, the CLKMD register
is initialized with a predetermined value dependent only upon the state of the CLKMD1 – CLKMD3 pins (see
Table 6).
Bit #
15–12
11
10–3
2
1
0
PLLMUL
PLLDIV
PLLCOUNT
PLLON/OFF
PLLNDIV
PLLSTATUS
R/W†
R/W†
R/W†
R/W†
R/W
R
R = read, W = write
† When in DIV mode (PLLSTATUS is low), PLLMUL, PLLDIV, PLLCOUNT, and PLLON/OFF are don’t cares, and their contents are
indeterminate.
Figure 7. Clock Mode Control Register (CLKMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com