Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 41Page - Texas Instruments TMS320VC549 Datasheet HTML 42Page - Texas Instruments TMS320VC549 Datasheet HTML 43Page - Texas Instruments TMS320VC549 Datasheet HTML 44Page - Texas Instruments TMS320VC549 Datasheet HTML 45Page - Texas Instruments TMS320VC549 Datasheet HTML 46Page - Texas Instruments TMS320VC549 Datasheet HTML 47Page - Texas Instruments TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
processor-mode status register (PMST)
The processor-mode status register (PMST) controls memory configurations of the ’54x devices.
interrupts
Vector-relative locations and priorities for all internal and external interrupts are shown in Table 12.
Table 12. ’54x Interrupt Locations and Priorities
NAME
LOCATION
PRIORITY
FUNCTION
NAME
DECIMAL
HEX
PRIORITY
FUNCTION
RS, SINTR
0
00
1
Reset (Hardware and software reset)
NMI, SINT16
4
04
2
Nonmaskable interrupt
SINT17
8
08
–
Software interrupt #17
SINT18
12
0C
–
Software interrupt #18
SINT19
16
10
–
Software interrupt #19
SINT20
20
14
–
Software interrupt #20
SINT21
24
18
–
Software interrupt #21
SINT22
28
1C
–
Software interrupt #22
SINT23
32
20
–
Software interrupt #23
SINT24
36
24
–
Software interrupt #24
SINT25
40
28
–
Software interrupt #25
SINT26
44
2C
–
Software interrupt #26
SINT27
48
30
–
Software interrupt #27
SINT28
52
34
–
Software interrupt #28
SINT29
56
38
–
Software interrupt #29
SINT30
60
3C
–
Software interrupt #30
INT0, SINT0
64
40
3
External user interrupt #0
INT1, SINT1
68
44
4
External user interrupt #1
INT2, SINT2
72
48
5
External user interrupt #2
TINT, SINT3
76
4C
6
External timer interrupt
BRINT0, SINT4
80
50
7
BSP #0 receive interrupt†
BXINT0, SINT5
84
54
8
BSP #0 transmit interrupt†
TRINT, SINT6
88
58
9
TDM receive interrupt‡
TRINT, SINT7
92
5C
10
TDM transmit interrupt‡
INT3, SINT8
96
60
11
External user interrupt #3
HINT, SINT9
100
64§
12
HPI interrupt (’542, ’545, ’548, ’549 only)
BRINT1, SINT10
104
68§
13
BSP #1 receive interrupt (’548, ’549 only)
BXINT1, SINT11
108
6C§
14
BSP #1 transmit interrupt (’548, ’549 only)
BMINT0, SINT12
112
70§
15
BSP #0 misalignment detection interrupt (’549 only)
BMINT1, SINT13
116
74§
16
BSP #1 misalignment detection interrupt (’549 only)
—
120–127
78–7F§
–
Reserved
† On ’541 devices, these interrupt locations are serial port 0 interrupts (RINT0/XINT0).
‡ On ’541, ’545, and ’546 devices, these interrupt locations are serial port 1 interrupts (RINT1/XINT1).
§ On ’541, ’543, and ’546 devices, interrupt locations 64h – 7Fh are reserved. On ’542 and ’545 devices, interrupt locations 68h – 7Fh are reserved.
On ’548 devices, interrupt locations 70h – 7Fh are reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com