Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 21Page - Texas Instruments TMS320VC549 Datasheet HTML 22Page - Texas Instruments TMS320VC549 Datasheet HTML 23Page - Texas Instruments TMS320VC549 Datasheet HTML 24Page - Texas Instruments TMS320VC549 Datasheet HTML 25Page - Texas Instruments TMS320VC549 Datasheet HTML 26Page - Texas Instruments TMS320VC549 Datasheet HTML 27Page - Texas Instruments TMS320VC549 Datasheet HTML 28Page - Texas Instruments TMS320VC549 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
25
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory (continued)
Program
Hex
Data
External
Program
On-Chip DARAM
(OVLY = 1)
or
External (OVLY = 0)
External
MP / MC = 0
(Microcomputer Mode)
MP / MC = 1
(Microprocessor Mode)
0000
007F
0080
7FFF
8000
005F
0060
Reserved
(OVLY = 1)
or
External (OVLY = 0)
On-Chip ROM
(16K Words)
Interrupts and
Reserved
(On-Chip)
Scratch-Pad RAM
BFFF
C000
FFFF
FF00
Hex
0000
FEFF
On-Chip SARAM
(OVLY = 1)
or
External (OVLY = 0)
1FFF
2000
On-Chip DARAM
(OVLY = 1)
or
External (OVLY = 0)
007F
0080
7FFF
8000
Reserved
(OVLY = 1)
or
External (OVLY = 0)
On-Chip SARAM
(OVLY = 1)
or
External (OVLY = 0)
1FFF
2000
Interrupts and
Reserved
(External)
FFFF
FF80
FF7F
External
FFFF
Hex
0000
On-Chip DARAM
(8K Words)
007F
0080
7FFF
8000
Memory-Mapped
Registers
On-Chip SARAM
(24K Words)
1FFF
2000
On-Chip ROM (DROM = 1)
or
External (DROM = 0)
Reserved (DROM = 1)
or
External (DROM = 0)
BFFF
C000
FF00
FEFF
Figure 5. Memory Map (’549 only)
Page 0
32K
Words†
xx 0000
xx 7FFF
Page 1
32K
Words‡
01 0000
01 FFFF
Page 2
32K
Words‡
02 0000
02 FFFF
Page 127
32K
Words‡
7F 0000
7F FFFF
Page 0
32K
Words
00 8000
00 FFFF
Page 1
32K
Words
01 8000
01 FFFF
Page 2
32K
Words
02 8000
02 FFFF
Page 127
32K
Words
7F 8000
7F FFFF
XPC = 0
XPC = 1
XPC = 2
XPC = 127
† See Figure 4 and Figure 5 for more information about this on-chip memory region.
‡ These pages available when OVLY = 0 when on-chip RAM is not mapped in program space or data space. When OVLY = 1 the first 32K words
are all on page 0 when on-chip RAM is mapped in program space or data space.
NOTE A: When the on-chip RAM is enabled in program space, all accesses to the region xx 0000 – xx 7FFF, regardless of page number, are
mapped to the on-chip RAM at 00 0000 – 00 7FFF.
Figure 6. Extended Program Memory (’548 and ’549 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com