Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 75Page - Texas Instruments TMS320VC549 Datasheet HTML 76Page - Texas Instruments TMS320VC549 Datasheet HTML 77Page - Texas Instruments TMS320VC549 Datasheet HTML 78Page - Texas Instruments TMS320VC549 Datasheet HTML 79Page - Texas Instruments TMS320VC549 Datasheet HTML 80Page - Texas Instruments TMS320VC549 Datasheet HTML 81Page - Texas Instruments TMS320VC549 Datasheet HTML 82Page - Texas Instruments TMS320VC549 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
79
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ready timing for externally generated wait states
timing requirements for externally generated wait states [H = 0.5 tc(CO)]† (see Figure 21, Figure 22,
Figure 23, and Figure 24)
’C54x-40
’LC54x-40
’LC54x-50
’54x-66
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tsu(RDY)
Setup time, READY before CLKOUT low
10
8
7
ns
th(RDY)
Hold time, READY after CLKOUT low
0
0
0
ns
tv(RDY)MSTRB
Valid time, READY after MSTRB low‡
4H – 15
4H – 12
4H–10
ns
th(RDY)MSTRB
Hold time, READY after MSTRB low‡
4H
4H
4H
ns
tv(RDY)IOSTRB
Valid time, READY after IOSTRB low‡
5H – 15
5H – 12
5H–10
ns
th(RDY)IOSTRB
Hold time, READY after IOSTRB low‡
5H
5H
5H
ns
tv(MSCL)
Valid time, MSC low after CLKOUT low
0
5
0
5
0
5
ns
tv(MSCH)
Valid time, MSC high after CLKOUT low
–2
3
–2
3
–2
3
ns
† The hardware wait states can be used only in conjunction with the software wait states to extend the bus cycles. To generate wait states by
READY, at least two software wait states must be programmed. READY is not sampled until the completion of the internal software wait states.
‡ These timings are included for reference only. The critical timings for READY are those referenced to CLKOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com