Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC549 Datasheet(PDF) 102 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 98Page - Texas Instruments TMS320VC549 Datasheet HTML 99Page - Texas Instruments TMS320VC549 Datasheet HTML 100Page - Texas Instruments TMS320VC549 Datasheet HTML 101Page - Texas Instruments TMS320VC549 Datasheet HTML 102Page - Texas Instruments TMS320VC549 Datasheet HTML 103Page - Texas Instruments TMS320VC549 Datasheet HTML 104Page - Texas Instruments TMS320VC549 Datasheet HTML 105Page - Texas Instruments TMS320VC549 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
102
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
host-port interface timing (continued)
timing requirements for host-port interface [H = 0.5tc(CO)] (see Note 5 and Figure 40 through
Figure 43)
’C54x-40
’C54x-50
’C54x-66
UNIT
MIN
MAX
tsu(HBV-DSL)
Setup time, HAD / HBIL valid before DS or HAS falling edge
10
ns
th(DSL-HBV)
Hold time, HAD / HBIL valid after DS or HAS falling edge
5
ns
tsu(HSL-DSL)
Setup time, HAS low before DS falling edge
12
ns
tw(DSL)
Pulse duration, DS low
30†
ns
tw(DSH)
Pulse duration, DS high
10
ns
Cycle time DS rising edge to next DS
Case 1: HOM access timings
(see Access Timing Without HRDY)
50
tc(DSH-DSH)†
Cycle time, DS rising edge to next DS
rising edge
Case 2a: SAM accesses and HOM active writes
to DSPINT or HINT.
(see Access Timings With HRDY)
10H
ns
tsu(HDV-DSH)
Setup time, HD valid before DS rising edge
12
ns
td(DSH-HSL)‡
Delay time, DS high to next HAS low
10H
ns
th(DSH – HDV)W
Hold time, HD valid after DS rising edge, write
3
ns
† A host not using HRDY should meet the 10H requirement all the time unless a software handshake is used to change the access rate according
to the HPI mode.
‡ Must only be met if HAS is going low when not accessing the HPI (as would be the case where multiple devices are being driven by one host).
NOTE 5: SAM = shared-access mode, HOM = host-only mode
HAD stands for HCNTRL0, HCNTRL1, and HR / W.
HDS refers to either HDS1 or HDS2.
DS refers to the logical OR of HCS and HDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com