Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P2310A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM2P2310A
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2310A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM2P2310A Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
2.5-V TO 3.3-V High-Performance Clock Buffer
3 of 11
Notice: The information in this document is subject to change without notice.
Function Table
Detailed Description
Output Enable Glitch Suppression Circuit
The purpose of the glitch suppression circuitry is to ensure the output enable sequence is synchronized with the clock input
such that the output buffer is enabled or disabled on the next full period of the input clock (negative edge triggered by the
input clock) (see Figure 1).
The G input must fulfill the timing requirements (tsu, th) according to the Switching Characteristics table for predictable
operation
.
a) Enable Mode
b) Disable Mode
Figure 1. Enable and Disable Mode Relative to CLK
↓
Input
Output
1G
2G
CLK
1Y[0:4]
2Y[0:4]
L
L
↓
L
L
H
L
↓
CLK
1
L
L
H
↓
L
CLK
1
H
H
↓
CLK
1
CLK
1
Note: 1 After detecting one negative edge on the CLK input, the output follows the input CLK if the control pin is held high.
CLK
Gn
Yn
tsu(dis)
th(dis)
CLK
Gn
Yn
tsu(en)
th(en)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com