Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P2310A Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # ASM2P2310A
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2310A Datasheet(HTML) 4 Page - PulseCore Semiconductor

  ASM2P2310A Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
2.5-V TO 3.3-V High-Performance Clock Buffer
4 of 11
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage range, VDD
-0.5V to 4.6V
Input Voltage range, VI
1,2
-0.5 V to VDD + 0.5 V
Output Voltage range, VO
1,2
-0.5 V to VDD + 0.5 V
Continuous total output current, IO (VO = 0 to VDD)
±50 mA
Package thermal impedance, θJA
3: PW package
120°C/W
Storage temperature range Tstg
-65°C to 150°C
Static Discharge Voltage , tDV (As per JEDEC STD22- A114-B)
2KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
Notes :
1 The input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2 This value is limited to 4.6 V maximum.
3 The package thermal impedance is calculated in accordance with JESD 51.
Recommended Operating Conditions
1
Parameter
Min
Typ
Max
Unit
2.3
2.5
Supply voltage, VDD
3.3
3.6
V
VDD = 3V to 3.6V
0.8
Low-level input voltage, VIL
VDD = 2.3V to 2.7V
0.7
V
VDD = 3V to 3.6V
2
High-level input voltage, VIH
VDD = 2.3V to 2.7V
1.7
V
Input voltage, VI
0
VDD
V
VDD = 3V to 3.6V
12
High-level output current, IOH
VDD = 2.3 V to 2.7V
6
mA
VDD = 3V to 3.6V
12
Low-level output current, IOL
VDD = 2.3V to 2.7V
6
mA
Operating free-air temperature, TA
-40
85
°C
Note:1 Unused inputs must be held high or low to prevent them from floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com