Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P2310A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # ASM2P2310A
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2310A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  ASM2P2310A Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
2.5-V TO 3.3-V High-Performance Clock Buffer
2 of 11
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin #
Pin Name
Type
Description
1
GND
P
Ground Pin
2
VDD
P
DC Power supply, 2.3 V – 3.6V
3
1Y0
O
Buffered Output Clock
4
1Y1
O
Buffered Output Clock
5
1Y2
O
Buffered Output Clock
6
GND
P
Ground Pin
7
GND
P
Ground Pin
8
1Y3
O
Buffered Output Clock
9
1Y4
O
Buffered Output Clock
10
VDD
P
DC power supply, 2.3V – 3.6V
11
1G
I
Output enable control for 1Y[0:4] outputs. This output enable is active-high,
meaning the 1Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic
high.
12
2Y4
O
Buffered Output Clock
13
2G
I
Output enable control for 2Y[0:4] outputs. This output enable is active-high,
meaning the 2Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic
high.
14
VDD
P
DC power supply, 2.3V – 3.6V
15
VDD
P
DC power supply, 2.3V – 3.6V
16
2Y3
O
Buffered Output Clock
17
2Y2
O
Buffered Output Clock
18
GND
P
Ground Pin
19
GND
P
Ground Pin
20
2Y1
O
Buffered Output Clock
21
2Y0
O
Buffered Output Clock
22
VDD
P
DC power supply, 2.3V – 3.6V
23
VDD
P
DC power supply, 2.3V – 3.6V
24
CLK
I
Input reference frequency
GND
VDD
GND
2
23
9
16
10
15
1
24
3
22
4
21
5
20
6
19
7
18
8
17
11
14
12
13
GND
1G
2Y0
CLK
2G
VDD
2Y1
2Y2
2Y3
VDD
VDD
VDD
GND
GND
1Y2
1Y0
1Y1
1Y3
1Y4
2Y4
VDD
ASM2P2310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com