Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P2310A Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM2P2310A
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2310A Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM2P2310A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 9Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
2.5-V TO 3.3-V High-Performance Clock Buffer
6 of 11
Notice: The information in this document is subject to change without notice.
Timing Requirements
Over recommended ranges of supply voltage and operating free-air temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDD = 3 V to 3.6V
0
200
fclk
Clock frequency
VDD = 2.3 V to 2.7V
0
170
MHz
Switching Characteristics
Over recommended operating free-air temperature range (unless otherwise noted)
VDD = 3.3 V ±0.3 V (See Figure 2)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tPLH
tPHL
CLK to Yn
f = 0 MHz to 200 MHz
For circuit load,
see Figure 2.
1.3
2.8
nS
tsk(o)
Output skew (Ym to Yn)
1(see Figure 4)
100
pS
tsk(p)
Pulse skew (see Figure 5)
250
pS
tsk(pp)
Part-to-part skew
500
pS
tr
Rise time (see Figure 3)
VO = 0.4V to 2V
0.7
2
V/nS
tf
Fall time (see Figure 3)
VO = 2 V to 0.4V
0.7
2
V/nS
tsu(en)
Enable setup time,G_high before CLK↓
0.1
nS
tsu(dis)
Disable setup time, G_low before CLK↓
0.1
nS
th(en)
Enable hold time, G_high after CLK ↓
0.4
nS
th(dis)
Disable hold time, G_low after CLK ↓
0.4
nS
Note: 1 The tsk(o) specification is only valid for equal loading of all outputs
VDD = 2.5 V ±0.2 V (See Figure 2)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tPLH
tPHL
CLK to Yn
f = 0MHz to 170MHz
For circuit load,
see Figure 2.
1.5
3.5
nS
tsk(o)
Output skew (Ym to Yn)
1(see Figure 4)
170
pS
tsk(p)
Pulse skew (see Figure 5)
400
pS
tsk(pp)
Part-to-part skew
600
pS
tr
Rise time (see Figure 3)
VO = 0.4V to 1.7V
0.5
1.4
V/nS
tf
Fall time (see Figure 3)
VO = 1.7V to 0.4V
0.5
1.4
V/nS
tsu(en
Enable setup time,G_high before CLK↓
0.1
nS
tsu(dis)
Disable setup time, G_low before CLK↓
0.1
nS
th(en)
Enable hold time, G_high after CLK ↓
0.4
nS
th(dis)
Disable hold time, G_low after CLK ↓
0.4
nS
Note: 1 The tsk(o) specification is only valid for equal loading of all outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com