Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P2310A Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM2P2310A
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2310A Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM2P2310A Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
2.5-V TO 3.3-V High-Performance Clock Buffer
Features
• High-Performance 1:10 Clock Driver for General Purpose
applications. Operates up to 200 MHz at 3.3V Supply
Voltage
• Pin-to-Pin Skew < 100 pS at 3.3V Supply Voltage
• Supply Range : 2.3V to 3.6V
• Operating Temperature Range : -40°C to 85°C
• Output Enable Glitch Suppression
• Distributes One Clock Input to Two Banks of Five
Outputs
• 25Ω On Chip Series Damping Resistors
• Packaged in 24 Pin TSSOP Package
Block Diagram
Product Description
The ASM2P2310A is a high-performance, low-skew clock
buffer that operates up to 200MHz. Two banks of five
outputs each provide low-skew copies of CLK. After power
up, the default state of the outputs is low regardless of the
state of the control pins. For normal operation, the outputs
of bank 1Y[0:4] or 2Y[0:4] can be placed in a low state
when the control pins (1G or 2G, respectively) are held low
and a negative clock edge is detected on the CLK input.
The outputs of bank 1Y[0:4] or 2Y[0:4] can be switched into
the buffer mode when the control pins (1G and 2G) are
held high and a negative clock edge is detected on the CLK
input. The device operates in a 2.5V and 3.3V environment.
The built-in output enable glitch suppression ensures a
synchronized output enable sequence to distribute full
period clock signals.
The ASM2P2310A is characterized for operation from
-40°C to 85°C.
1G
25Ω
25Ω
25Ω
25Ω
25Ω
3
4
5
8
9
1Y4
1Y3
1Y2
1Y1
1Y0
11
LOGIC CONTROL
25Ω
25Ω
25Ω
25Ω
25Ω
21
20
17
16
12
2Y4
2Y3
2Y2
2Y1
2Y0
24
CLK
LOGIC CONTROL
13
2G


Similar Part No. - ASM2P2310A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM2P2304NZF-08-SR PULSECORE-ASM2P2304NZF-08-SR Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
ASM2P2304NZF-08-ST PULSECORE-ASM2P2304NZF-08-ST Datasheet
175Kb / 9P
Four Output PCI-X and General Purpose Buffer
More results

Similar Description - ASM2P2310A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com