Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM2P2310A Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM2P2310A
Description  2.5-V TO 3.3-V High-Performance Clock Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2310A Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM2P2310A Datasheet HTML 1Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2310A Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
November 2006
ASM2P2310A
rev 0.3
2.5-V TO 3.3-V High-Performance Clock Buffer
5 of 11
Notice: The information in this document is subject to change without notice.
Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
1
Max
Unit
VIK
Input voltage
VDD = 3V,
II = -18 mA
-1.2
V
II
Input current
VI = 0V or VDD
±5
µA
IDD
2
Static device current
CLK = 0V or VDD,
IO = 0 mA
80
µA
CI
Input capacitance
VDD = 2.3V to 3.6V,
VI = 0V or VDD
2.5
pF
CO
Output capacitance
VDD = 2.3V to 3.6V,
VI = 0V or VDD
2.8
pF
Note: 1 All typical values are at respective nominal VDD.
2 For ICC over frequency, see Figure 6.
VDD = 3.3 V ±0.3 V
Symbol
Parameter
Test Conditions
Min
Typ
1
Max
Unit
VDD = Min to Max,
IOH = -100 µA
VDD - 0.2
IOH = -12 mA
2.1
VOH
High-level output voltage
VDD = 3 V
IOH = -6 mA
2.4
V
VDD = Min to Max,
IOL = -100 µA
0.2
IOL = 12mA
0.8
VOL
Low-level output voltage
VDD = 3V
IOL = 6 mA
0.55
V
VDD = 3V,
VO = 1V
-28
VDD = 3.3V,
VO = 1.65V
-36
IOH
High-level output current
VDD = 3.6V,
VO = 3.135V
-14
mA
VDD = 3V,
VO = 1.95V
28
VDD = 3.3V,
VO = 1.65V
36
IOL
Low-level output current
VDD = 3.6V,
VO = 0.4V
14
mA
Note: 1 All typical values are at respective nominal VDD.
VDD = 2.5 V ±0.2 V
Symbol
Parameter
Test Conditions
Min
Typ
1
Max
Unit
VDD = Min to Max,
IOH = -100 µA
VDD - 0.2
VOH
High-level output voltage
VDD = 2.3V
IOH = -6 mA
1.8
V
VDD = Min to Max,
IOL = 100 µA
0.2
VOL
Low-level output voltage
VDD = 2.3V
IOL = 6 mA
0.55
V
VDD = 2.3V,
VO = 1V
-17
VDD = 2.5V,
VO = 1.25V
-25
IOH
High-level output current
VDD = 2.7V,
VO = 2.375V
-10
mA
VDD = 2.3V,
VO = 1.2V
17
VDD = 2.5V,
VO = 1.25V
25
IOL
Low-level output current
VDD = 2.7V,
VO = 0.3V
10
mA
Note: 1 All typical values are at respective nominal VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com