Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AIPM Datasheet(PDF) 5 Page - Texas Instruments

Part # TSB14C01AIPM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AIPM Datasheet(HTML) 5 Page - Texas Instruments

  TSB14C01AIPM Datasheet HTML 1Page - Texas Instruments TSB14C01AIPM Datasheet HTML 2Page - Texas Instruments TSB14C01AIPM Datasheet HTML 3Page - Texas Instruments TSB14C01AIPM Datasheet HTML 4Page - Texas Instruments TSB14C01AIPM Datasheet HTML 5Page - Texas Instruments TSB14C01AIPM Datasheet HTML 6Page - Texas Instruments TSB14C01AIPM Datasheet HTML 7Page - Texas Instruments TSB14C01AIPM Datasheet HTML 8Page - Texas Instruments TSB14C01AIPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
NAME
PM
NO.
HV
NO.
TYPE
I/O
DESCRIPTION
ARB_CLK
1
11
TTL
O
Arbitration clock. ARB_CLK is the clock used for arbitration. ARB_CLK is
for test and debug. It can be put into a high-impedance state by
PTEST_INDRV. This terminal is not used in normal operation and is
always at 49.152 MHz.
CTL0, CTL1
13, 14
23, 24
TTL
I/O
Control I/O. These are bidirectional signals that communicate between the
TSB14C01A and the link that controls passage of information between the
two devices.
D0, D1
15, 16
25, 26
TTL
I/O
Data I/O. These are bidirectional information signals that communicate
between the TSB14C01A and the link layer.
ENA_PRI
4
14
TTL
I
Enable priority. ENA_PRI is tied low to enable the 7-bit bus request. See
Table 1 for more information.
EN_EXID
18
30
TTL
I
Enable external ID. When EN_EXID is asserted high, the ID for this node
is set externally by EX_ID. When this terminal is tied/driven low, the
source of the ID comes from the internal ID register.
EN_EXPRI
19
31
TTL
I
Enable external priority. When EN_EXPRI is asserted high (external
priority enabled) the priority level for this node is set externally (see
Table 1). This terminal should be tied low when not used.
EX_ID5 – EX_ID0
20,21,22,
23,24,25
32,33,34,
35,36,37
TTL
I
External ID. The ID for this node is determined by the value on the EX_ID
terminals. Bit 0 is the MSB.
EX_PRI3 –
EX_PRI0
27,28,
29,30
39,40,
41,42
TTL
I
External priority. The priority for this node is determined by the values on
the EX_PRI terminals. See Table 1 for more information.
GND
7,12,26,
36,38,49,
51,54,60,
64
4,8,17,
22,38,48,
50,61,63,
66
Supply
—
Circuit ground
LREQ
8
18
TTL
I
Link request input. LREQ is an input from the link used by the link to
signal the TSB14C01A of a request to perform some service.
VCC
3,5,9,17,
34,41,57,
59,61,62
1,3,5,6,
13,15,19,
29,46,53
Supply
—
Circuit power
NC
31,32,33,
44,45,46,
47,48,53,
56
9,10,27,
28,43–45,
56–60,
65,68
—
—
Not connected. These terminals must be left floating.
N_OEB_D
37
49
TTL
O
External driver enable. N_OEB_D is a negative active signal that enables
the external driver for TDATA and TSTRB.
N_POR
6
16
TTL
I
Logic reset input . Forcing N_POR low causes a reset condition and
resets the internal logic to the reset start state.
OSC_SEL
50
62
VCC /
GND
I
Select clock frequency. OSC_SEL should be pulled up to VCC when the
operating frequency is 50 MHz. When the operating frequency is 100 MHz
then it should be pulled to ground. It should not be left floating
.
PHYENA
2
12
TTL
O
Phy enable. When the phy is driving it is low, PHYENA is the control to the
CTL0, CTL1, D0, and D1 drivers. PHYENA is for test and debug. It can
be put into a high-impedance state by PTEST_INDRV. This terminal is not
used in normal operation.
PTEST_INDRV
35
47
TTL
I
Test output enable. PTEST_INDRV enables/disables the drivers to the
test terminals ARB_CLK, PHYENA, and RPREFIX. During normal
operation, PTEST_INDRV should be tied to VCC to disable the drivers.
RDATA
43
55
TTL
I
Receive data. Incoming data is received at the data rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com