Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AIPM Datasheet(PDF) 12 Page - Texas Instruments

Part # TSB14C01AIPM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AIPM Datasheet(HTML) 12 Page - Texas Instruments

Back Button TSB14C01AIPM Datasheet HTML 8Page - Texas Instruments TSB14C01AIPM Datasheet HTML 9Page - Texas Instruments TSB14C01AIPM Datasheet HTML 10Page - Texas Instruments TSB14C01AIPM Datasheet HTML 11Page - Texas Instruments TSB14C01AIPM Datasheet HTML 12Page - Texas Instruments TSB14C01AIPM Datasheet HTML 13Page - Texas Instruments TSB14C01AIPM Datasheet HTML 14Page - Texas Instruments TSB14C01AIPM Datasheet HTML 15Page - Texas Instruments TSB14C01AIPM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
Table 6. Request Bit Length
Request Type
Number of
Bits
Bus request (cable)
7
Bus request (backplane)
11
Read register request
9
Write register request
17
For a bus request in the cable environment, the length of the LREQ data stream is 7 bits as shown in Table 7.
Table 7. Bus Request For Cable Environment
Bit(s)
Name
Description
0
Start bit
Indicates the beginning of the transfer (always 1).
1-3
Request type
Indicates the type of bus request (see Table 11 for the encoding of this
field).
4-5
Request speed
Indicates the speed at which the phy sends the packet for this request. This
field has the same encoding as the speed code from the first symbol of the
receive packet. See Table 8 for the encoding of this field. This field can be
expanded to support data rates higher than 400 Mbit/s in the future.
6
Stop bit
Indicates the end of the transfer (always 0).
When LREQ transfer is a bus request in the backplane environment, it is 11 bits long and has the format shown
in Table 8.
Table 8. Bus Request For Backplane Environment
Bit(s)
Name
Description
0
Start bit
Indicates the beginning of the transfer (always 1).
1-3
Request type
Indicates the type of bus request (see Table 11 for the encoding of this
field).
4-5
Request speed
Ignored (set to 00) for the backplane environment
6-9
Request priority
Indicates priority of urgent requests. It is only used with a FairReq request
type. All zeros indicates fair request.
All ones is reserved (this priority is implied by a PriReq).
Other values are used to indicate the priority of an urgent request.
10
Stop bit
Indicates the end of the transfer (always 0).
For a Read Register Request the length of the LREQ data stream is 9 bits as shown in Table 9 (also see Table 3
for the bit definitions).
Table 9. Read Request Format
Bit(s)
Name
Description
0
Start bit
Indicates the beginning of the transfer (always 1).
1-3
Request type
Always a 100 indicating that this is a read register request.
4-7
Address
Is the address of the phy register to be read.
8
Stop bit
Indicates the end of the transfer (always 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com