Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AIPM Datasheet(PDF) 24 Page - Texas Instruments

Part # TSB14C01AIPM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AIPM Datasheet(HTML) 24 Page - Texas Instruments

Back Button TSB14C01AIPM Datasheet HTML 20Page - Texas Instruments TSB14C01AIPM Datasheet HTML 21Page - Texas Instruments TSB14C01AIPM Datasheet HTML 22Page - Texas Instruments TSB14C01AIPM Datasheet HTML 23Page - Texas Instruments TSB14C01AIPM Datasheet HTML 24Page - Texas Instruments TSB14C01AIPM Datasheet HTML 25Page - Texas Instruments TSB14C01AIPM Datasheet HTML 26Page - Texas Instruments TSB14C01AIPM Datasheet HTML 27Page - Texas Instruments TSB14C01AIPM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
fairness intervals (continued)
Fairness Interval (N)
arb
arb
data
arb
arb
data
data
arb
Owner A
Owner B
Owner M
Fairness
Interval (N –1)
Fairness
Interval (N +1)
Subaction
Arbitration
Reset Gap
Subaction Gaps
Arbitration
Reset Gap
Figure 11. Fairness Interval
The implementation of the fair arbitration protocol is defined in terms of these fairness intervals as discussed
in the following paragraphs.
fair arbitration
When using this arbitration class, an active node can send an asynchronous packet only once each fairness
interval. Once a subaction gap is detected, a node can begin arbitration when its arbitration_enable signal is
set. The arbitration_enable signal is set at the beginning of the fairness interval and is cleared when the node
successfully accesses the bus through fair arbitration. This disables further fair arbitration attempts by that node
for the remainder of the fairness interval. In the absence of urgent nodes, a fairness interval ends once all of
the nodes attempting fair arbitration have successfully accessed the bus. At this time, all of the fair nodes have
their arbitration_enable signals reset and cannot arbitrate for the bus. The bus remains idle until an arbitration
reset gap occurs. Once this happens, the next fairness interval begins. All of the nodes set their
arbitration_enable signal and can begin to arbitrate for the bus. This process is illustrated in Figure 12.
Fairness Interval (N)
arb
arb
node A
arb
Fairness
Interval (N –1)
Fairness
Interval (N +1)
Cleared When Node Wins Arbitration
node B
arb
node C
Arbitration
Reset Gap
Arbitration
Reset Gap
Set at Arbitration Reset Gap
Node A
Node B
Node C
Arbitration
Enable
NOTE A: The arbitration number of A > B > C.
Figure 12. Fair Arbitration Timing
Note that a node sending a concatenated subaction does not reset its arb_enable bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com