Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AIPM Datasheet(PDF) 22 Page - Texas Instruments

Part # TSB14C01AIPM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AIPM Datasheet(HTML) 22 Page - Texas Instruments

Back Button TSB14C01AIPM Datasheet HTML 18Page - Texas Instruments TSB14C01AIPM Datasheet HTML 19Page - Texas Instruments TSB14C01AIPM Datasheet HTML 20Page - Texas Instruments TSB14C01AIPM Datasheet HTML 21Page - Texas Instruments TSB14C01AIPM Datasheet HTML 22Page - Texas Instruments TSB14C01AIPM Datasheet HTML 23Page - Texas Instruments TSB14C01AIPM Datasheet HTML 24Page - Texas Instruments TSB14C01AIPM Datasheet HTML 25Page - Texas Instruments TSB14C01AIPM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
arbitration sequence
The arbitration sequence is the process that the TSB14C01A uses to arbitrate the bus between competing
modules.
arbitration number
The arbitration sequence uses a unique arbitration number for each module. This 6-bit number is the same as
the node physical_ID. When less than 6 bits are provided for the arbitration number, they occupy the MSBs of
the arbitration number. The remaining bits are zero-filled. The MSBs are transmitted first.
NOTE
If the serial bus is contained within a host backplane, it is expected that the arbitration number (i.e.,
physical_ID) is set by the host backplane at power up (e.g., with a built-in slot identifier or
configuration mechanism).
It is recommended that this number be software programmable to facilitate testing and to allow for consistent
system operation and repeatability.
priority
Within the arbitration sequence, the arbitration number is preceded by four bits that define a priority level. The
method by which priority is assigned is to be determined by the system integrator with two exceptions. The
lowest priority (all zeros) is reserved for fair arbitration and the highest priority (all ones) is reserved for cycle
start requests. This allows 14 priority levels to be used for the urgent arbitration process.
The use of an urgent priority class allows nodes to be granted a larger portion of the bandwidth on the bus. High
priority nodes are granted the bus before lower priority nodes during urgent allocation of the bus, allowing such
nodes to be granted more bandwidth.
In order to ensure forward progress, the lowest priority level is reserved for fair arbitration. This allows all nodes
arbitrating with this priority level to be allowed one fair access to the bus for each fairness interval. For fair
arbitration, the value of the arbitration number has a minimal impact on the allocation of the bus. Although nodes
with higher arbitration numbers are granted the bus sooner, there is only a small decrease in latency.
The 4-bit priority field is not used in isochronous arbitration. When arbitrating for an isochronous transfer, the
priority field is zero-filled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com