Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AIPM Datasheet(PDF) 6 Page - Texas Instruments

Part # TSB14C01AIPM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AIPM Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSB14C01AIPM Datasheet HTML 2Page - Texas Instruments TSB14C01AIPM Datasheet HTML 3Page - Texas Instruments TSB14C01AIPM Datasheet HTML 4Page - Texas Instruments TSB14C01AIPM Datasheet HTML 5Page - Texas Instruments TSB14C01AIPM Datasheet HTML 6Page - Texas Instruments TSB14C01AIPM Datasheet HTML 7Page - Texas Instruments TSB14C01AIPM Datasheet HTML 8Page - Texas Instruments TSB14C01AIPM Datasheet HTML 9Page - Texas Instruments TSB14C01AIPM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
NAME
PM
NO.
HV
NO.
TYPE
I/O
DESCRIPTION
RPREFIX
63
7
TTL
O
Receiver prefix. When asserted high (enabled), RPREFIX alerts the
receiver of an incoming packet. RPREFIX is for test and debug and is not
used in normal operation.
RSTRB
42
54
TTL
I
Receive strobe. RSTRB decodes the received data.
SCLK
10
20
TTL
O
System clock output. A 49.152-MHz or 24.576-MHz clock signal
synchronized with the data transfers, and provided to the link.
TDATA
40
52
CMOS
O
Transmit data. Data to be transmitted is serialized on TDATA.
TI1
58
2
TTL
I
Test input 1. TI1 is used for test purposes only and should be tied to
ground for normal operation.
TSCLK
11
21
TTL
O
System clock output. A 49.152-MHz or 24.576-MHz clock signal that is 180
degrees out of phase with SCLK; it is available if needed.
TSTRB
39
51
CMOS
O
Transmit strobe. TSTRB encodes transmit data.
XI_50
55
67
CMOS
I
External oscillator input. An external 49.152-MHz oscillator can drive the
TSB14C01A.
XI_100
52
64
CMOS
I
External oscillator input. An external 98.304-MHz oscillator can drive the
TSB14C01A.
Table 1. External Priority Coding
EXTERNAL PRIORITY TERMINALS
DESCRIPTION
ENA_PRI
EN_EXPRI
EX_PRI0 – EX_PRI3
DESCRIPTION
X
H
L L L L
L L L H
.
.
.
H H H H
The priority for this node is determined by the values on EX_PRI0 – EX_PRI3.
The state of ENA_PRI can be either tied to VCC or GND.
L
L
X
This sets a 7-bit bus request and is the cable environment format. Priority must be
set by executing a write request (see Table 10).
H
L
X
This sets an 11-bit bus request and is the backplane environment format. Priority
is dynamically set as part of the bus request (see Table 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com