Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB14C01AIPM Datasheet(PDF) 18 Page - Texas Instruments

Part # TSB14C01AIPM
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AIPM Datasheet(HTML) 18 Page - Texas Instruments

Back Button TSB14C01AIPM Datasheet HTML 14Page - Texas Instruments TSB14C01AIPM Datasheet HTML 15Page - Texas Instruments TSB14C01AIPM Datasheet HTML 16Page - Texas Instruments TSB14C01AIPM Datasheet HTML 17Page - Texas Instruments TSB14C01AIPM Datasheet HTML 18Page - Texas Instruments TSB14C01AIPM Datasheet HTML 19Page - Texas Instruments TSB14C01AIPM Datasheet HTML 20Page - Texas Instruments TSB14C01AIPM Datasheet HTML 21Page - Texas Instruments TSB14C01AIPM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
backplane phy connection
Within the backplane environment the serial bus is implemented with a pair of signals (STRB and DATA). The
topology is a simple pair of bussed signals as shown in Figure 8.
PHY
Node
Module
PHY
Node
Module
PHY
Node
Module
PHY
Node
PHY
Node
Module
PHY
Node
Backplane Chassis
STRB
DATA
NOTE A: On a given bus, there can be as many as 63 nodes. There is no restriction on the distribution of nodes
throughout modules on the bus. When more than one node occupies a module, they must share the
same transceivers.
Figure 8. Backplane Topology
The backplane environment can be implemented with a number of different interface technologies. These
include, but are not limited to: TTL for industry-standard transistor-transistor logic, BTL for backplane
transceiver logic as defined by IEEE Std 1194.1, and ECL for emitter-coupled logic.
In addition to the requirements specified by the application environment, the physical media of the serial bus
should meet the requirements defined for media attachment, media signal interface, and media signal timing.
Timing requirements must be met over the ranges specified in the application environment. These include
temperature ranges, voltage ranges, and manufacturing tolerances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com