Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS1 Datasheet(PDF) 24 Page - ASM GmbH

Part # PRAS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS1 Datasheet(HTML) 24 Page - ASM GmbH

Back Button PRAS1 Datasheet HTML 20Page - ASM GmbH PRAS1 Datasheet HTML 21Page - ASM GmbH PRAS1 Datasheet HTML 22Page - ASM GmbH PRAS1 Datasheet HTML 23Page - ASM GmbH PRAS1 Datasheet HTML 24Page - ASM GmbH PRAS1 Datasheet HTML 25Page - ASM GmbH PRAS1 Datasheet HTML 26Page - ASM GmbH PRAS1 Datasheet HTML 27Page - ASM GmbH PRAS1 Datasheet HTML 28Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
PTAS2
PRPT-BFS1
KAB-2M-M12/4F/G-LITZE
4
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
Magnetic inclination sensor in a 36 mm housing
●  Protection class IP67/IP69K
● Magneticmeasurementprinciple
● Outputs: 
Voltage 0.5 ... 4.5 V; 0.5 ... 10 V 
Current 4 ... 20 mA
● Redundantsecondchannelasoption
● Otheroutputsavailableonrequest
Specifications
Outputs
Voltage: 0.5 ... 4.5 V; 0.5 ... 10 V
Current: 4 ... 0 mA, 3 wire
Resolution
0.03 % (±30 ... ±180); 0.1 % (±15°)
Repeatability
±0.03 % (±30 ... ±180°); ±0.1 % (±15)
Linearity
±0.3 % f.s. (typ.)
Measurement range
0 ... ±15° to 0 ... ±180°, standard ±180°
Signal characteristics
CW, CCW
Material
Stainless steel / aluminium / zinc (depends on the model)
Mounting
Clamps, mounting plate
Protection class
IP67 (IP67/IP69K option)
Shock
EN 60068--7:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Order Code PTAS2   
 
 
 
Model name
Measurement range ±15 ... ±180° in steps of 15°
15 / 30 / 45 / ... / 165 / 180
Output (see page 6)
U6
= 0.5 ... 4.5 V ratiometric
U
= 0.5 ... 10 V
I1
= 4 ... 0 mA, 3 wire
Signal characteristics
CW
= Signal increasing CW
CCW
= Signal increasing CCW
Connection
KAB3M
= Cable, standard length 3 m, IP67
KAB3M69K = Cable, standard length 3 m, IP67/IP69K
M1A5
= 5-pin socket M1 axial (compatible with 4-pin connector)
M1R5
= 5-pin socket M1 radial (compatible with 4-pin connector), (in preparation)
Orderexample:PTAS2-180-I1-CW-KAB3M
Order code mounting clamps (set of 3 pieces)
POSITILT ® 
PTAS2
Magnetic inclination sensor with analog output
Order code connector cable (see accessories page 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com