Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS1 Datasheet(PDF) 12 Page - ASM GmbH

Part # PRAS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS1 Datasheet(HTML) 12 Page - ASM GmbH

Back Button PRAS1 Datasheet HTML 8Page - ASM GmbH PRAS1 Datasheet HTML 9Page - ASM GmbH PRAS1 Datasheet HTML 10Page - ASM GmbH PRAS1 Datasheet HTML 11Page - ASM GmbH PRAS1 Datasheet HTML 12Page - ASM GmbH PRAS1 Datasheet HTML 13Page - ASM GmbH PRAS1 Datasheet HTML 14Page - ASM GmbH PRAS1 Datasheet HTML 15Page - ASM GmbH PRAS1 Datasheet HTML 16Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
PRDS2
KAB-2M-M12/8F/G-LITZE
PRMAG ...
PRPT-BFS1
1
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
Magnetic angle encoder 0 - 360 degrees in a 
flathousingwith36mmdia.
●  Protection class IP67/IP69K
● Non-contactwithexternalpositionmagnet
● Wearfree
● Flathousing–20mmthickness
● Synchronousserialoutput(SSI)
Orderexample:PRDS2-SSI-CW-KAB3M
Specifications
Output
Synchronous serial (SSI)
Resolution
1 bit f.s.
Repeatability
±0.03 % f.s. (typ.)
Linearity
±0.3 % f.s. (typ.); a misalignment of the position magnet
has an effect on the linearity (see page 30)
Measurement range
0 ... 360°
Max. revolutions
30,000 r.p.m.
Code characteristics
CW, CCW
Rated distance sensor / magnet
Depending on the position magnet, see page 30
Material
Aluminium / stainless steel / zinc (depends on the model)
Mounting
Clamps, mounting plate
Protection class
IP67/IP69K (connector output with IP69K connector cable)
IP67 (cable output, option IP67/IP69K)
Shock
EN 60068--7:1993, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g 10 Hz-2 kHz, 10 cycles
Order Code PRDS2   
Model name
Output (see page 9)
SSI
= Synchronous serial
Code characteristics
CW
= Code increasing CW
CCW
= Code increasing CCW
Connection
KAB3M
= Cable, standard length 3 m, IP67
KAB3M69K = Cable, standard length 3 m, IP67/IP69K
M1A8
= 8-pin socket M1 axial
M1R8
= 8-pin socket M1 radial (in preparation)
Order code connector cable (see accessories page 33)
Order code position magnet (see accessories page 30)
Order code mounting clamps (set of 3 pieces)
POSIROT ®
PRDS2
Magnetic Angle Encoder with SSI Output
PRELIMINAR
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com