Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS1 Datasheet(PDF) 44 Page - ASM GmbH

Part # PRAS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS1 Datasheet(HTML) 44 Page - ASM GmbH

Back Button PRAS1 Datasheet HTML 40Page - ASM GmbH PRAS1 Datasheet HTML 41Page - ASM GmbH PRAS1 Datasheet HTML 42Page - ASM GmbH PRAS1 Datasheet HTML 43Page - ASM GmbH PRAS1 Datasheet HTML 44Page - ASM GmbH PRAS1 Datasheet HTML 45Page - ASM GmbH PRAS1 Datasheet HTML 46Page - ASM GmbH PRAS1 Datasheet HTML 47Page - ASM GmbH PRAS1 Datasheet HTML 48Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
PD-INC
44
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
•   For POSIROT® position sensors with incremental outputs
•  Integrated sensor supply
• Countingrateupto250kHz(<1MHzedgefrequency)
•  6-digit LED display
•  RS-232 interface
•  Optional 4 comparator outputs
•  Easy programming
PRODIS-INC is designed for use with incremental position sensors to display angles. The
fast counter processes 90° phase shifted A,B signals (quadrature signals) for direction and
counting information. Sensor excitation is supplied from the meter. With four membrane
keys all parameters can be programmed for the special application. An zero signal and a
reference signal can be used for calibration of the measurement system. Optional compa-
rator functions with 4 NPN open-collector outputs are available, additional  of them have
relay output.
Description
Specifications
Display
6-digit, 7-segment LED, height 14 mm,
decimal point programmable
Excitation voltage/current
4 V DC ±10%/150 mA, residual ripple 1%
ss;
85-250 V AC, 50-60 Hz/180 mA max.
Counting frequency
250 kHz max., 1 MHz edge frequency
Sensor excitation
4 V DC/300 mA or 5V DC/500 mA
Inputs
A, B, Z, T (reference signal)
Connection
Terminal strip 1-pole, excitation 3-pole
Operating temperature
-10 ... +40 °C [14 ... +104 °F]
Storage temperature
-0 ... +85 °C [-4 ... +185 °F]
Weight
4 V DC: approx. 50 g; 30 V AC: approx. 400 g
Protection class
Front IP60, rear IP40
Humidity
Max. 80 % R.H., non condensing
Comparator outputs (option)
Relay
NPN
50 V AC/5 A, 30 V DC/5 A
4 V max./50 mA to GND
Safety of equipment
Directive 73/23/EWG: DIN EN61010:2002-03
EMC
Directive 89/336/EWG
Order Code PRODIS-INC   
 
 
 
Model name
Excitationvoltage
4VDC = 4 V DC
30VAC = 85...50 V AC
Sensorexcitationvoltage
G4V
= 4 V DC
G5V
= 5 V DC
Sensor signal
HTL
= HTL level with excitation voltage G24V
TTL
= TTL level with excitation voltage G5V or G4V
Options
REL
= Comparator
DT
= Desktop version
Orderexample:PD-INC-24VDC-G24V-HTL-REL2
PRODIS ® 
PD-INC
Digital process meter for incremental sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com