Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS1 Datasheet(PDF) 30 Page - ASM GmbH

Part # PRAS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS1 Datasheet(HTML) 30 Page - ASM GmbH

Back Button PRAS1 Datasheet HTML 26Page - ASM GmbH PRAS1 Datasheet HTML 27Page - ASM GmbH PRAS1 Datasheet HTML 28Page - ASM GmbH PRAS1 Datasheet HTML 29Page - ASM GmbH PRAS1 Datasheet HTML 30Page - ASM GmbH PRAS1 Datasheet HTML 31Page - ASM GmbH PRAS1 Datasheet HTML 32Page - ASM GmbH PRAS1 Datasheet HTML 33Page - ASM GmbH PRAS1 Datasheet HTML 34Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
PRMAG1
PRMAG2
30
CAT-PR/PT-E-07
ASM
www.asm-sensor.com
Weight 30 g approx., moment of inertia 4.5 kgmm
Dimensions informative only
For guaranteed dimensions please consult factory
Dimensions in
mm [inch]
Marking
Note: Sensor and position magnet must be mounted aligned!
POSIROT ® 
Accessories 
Position magnets
Measuring error  
by misalignment
Position 
magnet
Air gap 
[mm]
Parallelism 
[degree]
Errorbyaxialmisalignment 
[% f.s.]
0.2 mm
0.5 mm
1 mm
2 mm
PRMAG1
0 ... 1.5
<1
0.1 %
0.3 %
1.1 %
–
PRMAG
0 ... 4
<1
0.1 %
0.1 %
0.3 %
0.5 %
Weight 10 g approx., moment of inertia 0.1 kgmm
Sensor
Sensor
Dimensions in
mm [inch]
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com