Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS1 Datasheet(PDF) 29 Page - ASM GmbH

Part # PRAS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS1 Datasheet(HTML) 29 Page - ASM GmbH

Back Button PRAS1 Datasheet HTML 25Page - ASM GmbH PRAS1 Datasheet HTML 26Page - ASM GmbH PRAS1 Datasheet HTML 27Page - ASM GmbH PRAS1 Datasheet HTML 28Page - ASM GmbH PRAS1 Datasheet HTML 29Page - ASM GmbH PRAS1 Datasheet HTML 30Page - ASM GmbH PRAS1 Datasheet HTML 31Page - ASM GmbH PRAS1 Datasheet HTML 32Page - ASM GmbH PRAS1 Datasheet HTML 33Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
M1A8 / M1R8
ASM
CAT-PR/PT-E-07
9
www.asm-sensor.com
POSIROT ® –  PRDS
Output SSI
SSI
Synchronous serial
Interface
EIA RS-4
Excitation voltage
5 V DC ±10 %
Excitation current
100 mA max. without load
Clock frequency
100 kHz ... 1 MHz
Code
Single step Gray code 1 Bit
Resolution
1 Bit
Delay between pulse trains
0 µs min.
Stability (temperature)
±50 x 10-6 / °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Short circuit
EMC
According to EN 5008-, EN50081-1
Data format 
(Train of 13 pulses)
Recommended 
processing 
input circuit
Cable length 
   Baud rate
50 m
100-1000 kHz
100 m
100-300 kHz
Note:
Extension of the cable length will reduce the ma-
ximum transmission rate. The signals CLOCK
/CLOCK and DATA/DATA must be connected
in a twisted pair cable, shielded per pair and
common.
Signal wiring
Signal name
Connector pin no.
Cable color
Excitation +
1
white
Excitation GND

brown
CLOCK
3
green
CLOCK
4
yellow
DATA
5
grey
DATA
6
pink
View to sensor
connector
PRELIMINAR
Y
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com