Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRAS1 Datasheet(PDF) 37 Page - ASM GmbH

Part # PRAS1
Description  Angle Sensors and Encoders Contents
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS1 Datasheet(HTML) 37 Page - ASM GmbH

Back Button PRAS1 Datasheet HTML 33Page - ASM GmbH PRAS1 Datasheet HTML 34Page - ASM GmbH PRAS1 Datasheet HTML 35Page - ASM GmbH PRAS1 Datasheet HTML 36Page - ASM GmbH PRAS1 Datasheet HTML 37Page - ASM GmbH PRAS1 Datasheet HTML 38Page - ASM GmbH PRAS1 Datasheet HTML 39Page - ASM GmbH PRAS1 Datasheet HTML 40Page - ASM GmbH PRAS1 Datasheet HTML 41Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
ASM
CAT-PR/PT-E-07
37
www.asm-sensor.com
Specification
Material
Plastic bonded magnetic material or magnetic
scale
Base material
Aluminium
Signal periods per revolution
From 50 poles/revolution
Magnetic period
 mm
Temperature range
-40 ...+85°C (-40 ... +185 °F)
Linearity with sensor PMIS4
Approx. ± 0.1°
Data valid in connection with the sensor PMIS4.
Scaling factor
Sensor
PMIS4-20- ...
PMIR4-20-50
PMIR4-20-64
PMIR4-20-90
Signal periods
R.p.m. )* 
(at 480 kHz)
Signal periods
R.p.m. )* 
(at 480 kHz)
Signal periods
R.p.m. )* 
(at 480 kHz)
1
50
6000
64
6000
90
6000

100
6000
18
6000
180
6000
4
00
6000
56
6000
360
6000
8
400
6000
51
6000
70
6000
10
500
5760
640
4500
900
300
16
800
6000
104
6000
1440
6000
0
1000
5760
180
4500
1800
300
5
150
6000
1600
6000
50
510
3
1600
6000
048
6000
880
6000
40
000
5760
560
4500
3600
300
50
500
6000
300
6000
4500
510
64
300
6000
4096
565
5760
4000
80
4000
5760
510
4500
700
300
100
5000
4608
6400
3600
9000
560
15
650
3686
8000
880
11 50
048
18
6400
3600
819
813
11 50
000
00
10 000
304
1 800
1800
18 000
180
50
1 500
1843
16 000
1440
 500
104
56
1 800
1800
16 384
1406
3 040
1000
400
0 000
115
5 600
900
36 000
640
500
5 000
9
3 000
70
45 000
51
51
5 600
900
3 768
703
46 080
500
104
51 00
450
65 536
35
9 160
50
048
10 400
5
131 07
176
184 30
15
)* Maximum revolution per minute mechanically 6.000 R.p.m.
Standard magnetic wheels
Type
Poles
Height
Signal periods/rotation
Inside diameter
PMIR4-0-50
50
31.8
18
decade division (refer to the table below)
20H7
PMIR4-0-64
64
40.7
18
binary division (refer to the table below)
20H7
PMIR4-0-90
90
57.3
18
vernier (refer to the table below)
20H7
Further pole numbers, diameters and magnetic periods on request.
POSIROT ®  
PMIR4
Incremental magnetic wheels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com