Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51113 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51113 Datasheet HTML 1Page - Texas Instruments TPS51113 Datasheet HTML 2Page - Texas Instruments TPS51113 Datasheet HTML 3Page - Texas Instruments TPS51113 Datasheet HTML 4Page - Texas Instruments TPS51113 Datasheet HTML 5Page - Texas Instruments TPS51113 Datasheet HTML 6Page - Texas Instruments TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPS51113, TPS51163
www.ti.com........................................................................................................................................................................................................ SLUS864 – MAY 2009
ELECTRICAL CHARACTERISTICS (continued)
These specifications apply for -40°C
≤ TA ≤ to 85°C, VVDD = 12 Vdc. (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER GOOD
VPGLR
Lower powergood threshold
VOS voltage rising
0.728
0.752
0.776
V
VPGLF
Lower powergood threshold
VOS voltage falling
0.696
0.720
0.744
V
VPGUR
Upper powergood threshold
VOS voltage rising
0.856
0.880
0.904
V
VPGUF
Upper powergood threshold
VOS voltage falling
0.824
0.848
0.872
V
VPG
PGOOD pin voltage
IPDG = 4 mA
0.4
V
IPGDLK
Leakage current
VPGOOD = 5 V
20
µA
UV/OV PROTECTION
VUVP
UVP threshold
VOS voltage falling
0.576
0.600
0.624
V
VOVP
OVP threshold
VOS voltage rising
0.96
1.00
1.04
V
VOVPL
OVP latch threshold
VOS voltage falling
0.376
0.400
0.424
V
IOS
VOS input bias current
–100
100
nA
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com