Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51113 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51113
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51113 Datasheet(HTML) 2 Page - Texas Instruments

  TPS51113 Datasheet HTML 1Page - Texas Instruments TPS51113 Datasheet HTML 2Page - Texas Instruments TPS51113 Datasheet HTML 3Page - Texas Instruments TPS51113 Datasheet HTML 4Page - Texas Instruments TPS51113 Datasheet HTML 5Page - Texas Instruments TPS51113 Datasheet HTML 6Page - Texas Instruments TPS51113 Datasheet HTML 7Page - Texas Instruments TPS51113 Datasheet HTML 8Page - Texas Instruments TPS51113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
TPS51113, TPS51163
SLUS864 – MAY 2009........................................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
LEAD/BALL
MSL PEAK
ORDERABLE
TYPE
DRAWING
PINS
QTY
ECO PLAN
DEVICE
FINISH
TEMPERATURE
TPS51113DRCR
Green
SON
DRC
10
3000
CU NiPDAU
Level-2-260C-1Year
(RoHS and no Sb/Br)
TPS51163DRCR
TPS51113DRCT
Green
SON
DRC
10
250
CU NiPDAU
Level-2-260C-1Year
(RoHS and no Sb/Br)
TPS51163DRCT
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted, all voltages are with respect to GND.)
PARAMETER
VALUE
UNIT
VDD
–0.3 to 15
BOOT
–0.3 to 30
BOOT, to SW (negative overshoot –5 V for t < 25 ns,
–5.0 to 15
Input voltage range
125 V × ns/t for 25 ns < t< 100 ns)
V
BOOT, (negative overshoot –5 V for t < 25ns,
–5.0 to 37
125 V × ns/t for 25 ns < t < 100 ns)
All other pins
–0.3 to 3.6
SW
–0.3 to 22
SW, (negative overshoot –5 V for t < 25ns,
–5.0 to 30
125 V × ns/t for 25 ns < t < 100 ns)
HDRV
–0.3 to 30
HDRV to SW (negative overshoot –5 V for t < 25 ns,
–5.0 to 15
125 V × ns/t for 25 ns < t< 100 ns)
Output voltage range
HDRV (negative overshoot –5 V for t < 25ns,
V
–5.0 to 37
125 V × ns/t for 25 ns < t < 100 ns)
LDRV_OC
–0.3 to 15
LDRV_OC (negative overshoot –5 V for t < 25ns,
–5.0 to 15
125 V × ns/t for 25 ns < t < 100 ns)
PGOOD
–0.3 to 15
All other pins
–0.3 to 3.6
TJ
Operating junction temperature
–40 to 125
°C
Tstg Storage junction temperature
–55 to 150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
MIN
TYP
MAX
UNIT
Human Body Model (HBM)
2500
V
Charged Device Model (CDM)
1500
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51113 TPS51163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com